Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6673 Datasheet HTML 3Page - Analog Devices AD6673 Datasheet HTML 4Page - Analog Devices AD6673 Datasheet HTML 5Page - Analog Devices AD6673 Datasheet HTML 6Page - Analog Devices AD6673 Datasheet HTML 7Page - Analog Devices AD6673 Datasheet HTML 8Page - Analog Devices AD6673 Datasheet HTML 9Page - Analog Devices AD6673 Datasheet HTML 10Page - Analog Devices AD6673 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 6 of 45
ADC AC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, DVDD = 1.8 V, maximum sample rate for speed grade, VIN = −1.0 dBFS differential input, 1.75 V p-p
full-scale input range, DCS enabled, link parameters used are M = 2 and L = 2, unless otherwise noted.
Table 2.
Parameter1
Temperature
Min
Typ
Max
Unit
SIGNAL-TO-NOISE-RATIO (SNR)
NSR Disabled
f
IN = 30 MHz
25°C
66.6
dBFS
f
IN = 90 MHz
25°C
66.2
dBFS
f
IN = 140 MHz
25°C
66.4
dBFS
f
IN = 185 MHz
25°C
66.2
dBFS
Full
65.6
dBFS
f
IN = 220 MHz
25°C
65.9
dBFS
NSR Enabled 22% Bandwidth Mode
f
IN = 30 MHz
25°C
76.3
dBFS
f
IN = 90 MHz
25°C
75.7
dBFS
f
IN = 140 MHz
25°C
74.8
dBFS
f
IN = 185 MHz
25°C
74.2
dBFS
Full
72.6
dBFS
f
IN = 220 MHz
25°C
73.6
dBFS
NSR Enabled 33% Bandwidth Mode
f
IN = 30 MHz
25°C
73.5
dBFS
f
IN = 90 MHz
25°C
72.1
dBFS
f
IN = 140 MHz
25°C
72.6
dBFS
f
IN = 185 MHz
25°C
71.9
dBFS
Full
70.0
dBFS
f
IN = 220 MHz
25°C
71.4
dBFS
SIGNAL-TO-NOISE AND DISTORTION (SINAD)
f
IN = 30 MHz
25°C
65.5
dBFS
f
IN = 90 MHz
25°C
65.4
dBFS
f
IN = 140 MHz
25°C
65.2
dBFS
f
IN = 185 MHz
25°C
65.1
dBFS
Full
64.5
dBFS
f
IN = 220 MHz
25°C
64.7
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
f
IN = 30 MHz
25°C
10.6
Bits
f
IN = 90 MHz
25°C
10.6
Bits
f
IN = 140 MHz
25°C
10.5
Bits
f
IN = 185 MHz
25°C
10.5
Bits
f
IN = 220 MHz
25°C
10.5
Bits
WORST SECOND OR THIRD HARMONIC
f
IN = 30 MHz
25°C
−90
dBc
f
IN = 90 MHz
25°C
−87
dBc
f
IN = 140 MHz
25°C
−86
dBc
f
IN = 185 MHz
25°C
−88
dBc
Full
−80
dBc
f
IN = 220 MHz
25°C
−86
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com