Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 22 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD6673 Datasheet HTML 18Page - Analog Devices AD6673 Datasheet HTML 19Page - Analog Devices AD6673 Datasheet HTML 20Page - Analog Devices AD6673 Datasheet HTML 21Page - Analog Devices AD6673 Datasheet HTML 22Page - Analog Devices AD6673 Datasheet HTML 23Page - Analog Devices AD6673 Datasheet HTML 24Page - Analog Devices AD6673 Datasheet HTML 25Page - Analog Devices AD6673 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Data Sheet
AD6673
Rev. C | Page 21 of 45
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
ADC
Figure 35. Differential PECL Sample Clock (Up to 625 MHz)
Analog Devices also offers LVDS clock drivers with excellent
jitter performance. A typical circuit is shown in Figure 36 and
uses LVDS drivers such as the AD9510, AD9511, AD9512,
AD9513, AD9514, AD9515, AD9516-0, AD9516-1, AD9516-2,
AD9516-3, AD9516-4, AD9516-5, AD9517-0, AD9517-1,
AD9517-2, AD9517-3, AD9517-4, AD9518-0, AD9518-1,
AD9518-2, AD9518-3, AD9518-4, AD9520-0, AD9520-1,
AD9520-2, AD9520-3, AD9520-4, AD9520-5, AD9522-0,
AD9522-1, AD9522-2, AD9522-3, AD9522-4, AD9522-5,
AD9523, and AD9524.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
AD95xx
LVDS DRIVER
ADC
Figure 36. Differential LVDS Sample Clock (Up to 625 MHz)
RF Clock Input Options
The AD6673 RF clock input supports a single-ended clock
between 625 GHz to 1.5 GHz. The equivalent RF clock input
circuit is shown in Figure 37. The input is self biased to 0.9 V and is
typically ac-coupled. The input has a typical input impedance of
10 kΩ in parallel with 1 pF at the RFCLK pin.
BIAS
CONTROL
10kΩ
RFCLK
INTERNAL
CLOCK DRIVER
1pF
Figure 37. Equivalent RF Clock Input Circuit
It is recommended that the RF clock input of the AD6673 be
driven with a PECL or sine wave signal with a minimum signal
amplitude of 600 mV peak to peak. Regardless of the type of
signal being used, clock source jitter is of the most concern, as
described in the Jitter Considerations section. Figure 38 shows the
preferred method of clocking when using the RF clock input on
the AD6673. It is recommended that a 50 Ω transmission line
be used to route the clock signal to the RF clock input of the
AD6673 due to the high frequency nature of the signal and
terminate the transmission line close to the RF clock input.
RFCLK
ADC
50Ω Tx LINE
RF CLOCK
INPUT
0.1µF
50Ω
Figure 38. Typical RF Clock Input Circuit
Figure 39 shows the RF clock input of the AD6673 being driven
from the LVPECL outputs of the AD9515. The differential
LVPECL output signal from the AD9515 is converted to a single-
ended signal using an RF balun or RF transformer. The RF balun
configuration is recommended for clock frequencies associated
with the RF clock input.
0.1µF
0.1µF
0.1µF
0.1µF
LVPECL
DRIVER
AD9515
127Ω
VDD
82.5Ω
127Ω
82.5Ω
CLOCK INPUT
CLOCK INPUT
RFCLK
ADC
50Ω Tx LINE
0.1µF
50Ω
Figure 39. Differential PECL RF Clock Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com