Electronic Components Datasheet Search
  English  ▼

X  

AD6673 Datasheet(PDF) 29 Page - Analog Devices

Part # AD6673
Description  80 MHz Bandwidth, Dual IF Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6673 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD6673 Datasheet HTML 25Page - Analog Devices AD6673 Datasheet HTML 26Page - Analog Devices AD6673 Datasheet HTML 27Page - Analog Devices AD6673 Datasheet HTML 28Page - Analog Devices AD6673 Datasheet HTML 29Page - Analog Devices AD6673 Datasheet HTML 30Page - Analog Devices AD6673 Datasheet HTML 31Page - Analog Devices AD6673 Datasheet HTML 32Page - Analog Devices AD6673 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
AD6673
Data Sheet
Rev. C | Page 28 of 45
Clock Adjustment Register Writes
Perform the clock adjustment writes in the following order:
1. Set Register 0xEE to 0x81.
2. Set Register 0xEF to 0x81.
3. Set Register 0xEE to 0x82.
4. Set Register 0xEF to 0x82.
5. Set Register 0xEE to 0x83.
6. Set Register 0xEF to 0x83.
7. Set Register 0xEE to 0x84.
8. Set Register 0xEF to 0x84.
9. Set Register 0xEE to 0x85.
10. Set Register 0xEF to 0x85.
11. Set Register 0xEE to 0x86.
12. Set Register 0xEF to 0x86.
13. Set Register 0xEE to 0x87.
14. Set Register 0xEF to 0x87.
JESD204B Synchronization Details
The AD6673 supports JESD204B Subclass 0 and Subclass 1, and
establishes synchronization of the link through one or two control
signals, SYNC and, for Subclass 1, SYSREF, and a common device
clock. SYSREF and SYNC are common to all converter devices
for alignment purposes at the system level.
The synchronization process is accomplished over three phases:
code group synchronization (CGS), initial lane alignment sequence
(ILAS), and data transmission. If scrambling is enabled, the bits are
not actually scrambled until the data transmission phase, and
the CGS phase and ILAS phase do not use scrambling.
CGS Phase
In the CGS phase, the JESD204B transmit block transmits
/K28.5/ characters. The receiver (external logic device) must
locate K28.5 characters in its input data stream using clock and
data recovery (CDR) techniques.
When in Subclass 1 mode, the receiver locks on to the K28.5
characters. Once detected, the receiver initiates a SYSREF edge
so that the AD6673 transmit data establishes an LMFC internally.
The SYSREF edge also resets any sampling edges within the ADC
to align sampling instances to the LMFC. This is important to
maintain synchronization across multiple devices.
At the internal clock of the next receiver, if Subclass 0, or at the
LMFC boundary of the next receiver, if Subclass 1, the receiver
or logic device deasserts the SYNC~ signal (SYNCINB± goes
high), and the transmitter block begins the ILAS phase.
ILAS Phase
In the ILAS phase, the transmitter sends out a known pattern,
and the receiver aligns all lanes of the link and verifies the
parameters of the link.
The ILAS phase begins after SYNC~ has been deasserted (goes
high). If Subclass 0, the transmitter begins ILAS at the internal
clock of the next transmitter. If Subclass 1, at the LMFC bound-
ary of the next transmitter, the transmit block begins to
transmit four multiframes. Dummy samples are inserted between
the required characters so that full multiframes are transmitted.
The four multiframes include the following:
•
Multiframe 1: Begins with an /R/ character [K28.0] and
ends with an /A/ character [K28.3].
•
Multiframe 2: Begins with an /R/ character followed by a /Q/
[K28.4] character, followed by link configuration parameters
over 14 configuration octets (see Table 10), and ends with
an /A/ character. Many of the values of the parameters are
of the notation of the value – 1.
•
Multiframe 3: Is the same as Multiframe 1.
•
Multiframe 4: Is the same as Multiframe 1.
Data Transmission Phase
In the data transmission phase, frame alignment is monitored
with control characters. Character replacement is used at the
end of frames. Character replacement in the transmitter occurs
in the following instances:
•
If scrambling is disabled and the last octet of the frame or
multiframe equals the octet value of the previous frame.
•
If scrambling is enabled and the last octet of the multiframe is
equal to 0x7C, or the last octet of a frame is equal to 0xFC.
Table 10. Fourteen Configuration Octets of the ILAS Phase
No.
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
0
DID[7:0]
1
BID[3:0]
2
LID[4:0]
3
SCR
L[4:0]
4
F[7:0]
5
K[4:0]
6
M[7:0]
7
CS[1:0]
N[4:0]
8
SUBCLASS[2:0]
N’[4:0]
9
JESDV[2:0]
S[4:0]
10
HD
CF[4:0]
11
Reserved, Don’t Care
12
Reserved, Don’t Care
13
FCHK[7:0]
Link Setup Parameters
The following sections demonstrate how to configure the
AD6673 JESD204B interface paremeters. These details are a
subset of the setup details provided in the Synchronization
section. The steps to configure the output include the following:
1. Disable the lanes before changing the configuration.
2. Select the quick configuration option.
3. Configure the detailed options.
4. Verify FCHK, the checksum of the JESD204B interface
parameters.
5. Set additional digital output configuration options.
6. Reenable the lane(s).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com