Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9877 Datasheet HTML 3Page - Analog Devices AD9877 Datasheet HTML 4Page - Analog Devices AD9877 Datasheet HTML 5Page - Analog Devices AD9877 Datasheet HTML 6Page - Analog Devices AD9877 Datasheet HTML 7Page - Analog Devices AD9877 Datasheet HTML 8Page - Analog Devices AD9877 Datasheet HTML 9Page - Analog Devices AD9877 Datasheet HTML 10Page - Analog Devices AD9877 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD9877
Rev. B | Page 6 of 36
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS (10 pF Load)
Wake-Up Time
N/A
N/A
200
tMCLK cycles
Minimum RESET Pulse Width Low (tRL)
N/A
N/A
5
tMCLK cycles
Digital Output Rise/Fall Time
Full
II
2.8
4
ns
Tx/Rx Interface
MCLK Frequency (fMCLK)
Full
II
66
MHz
TxSYNC/TxIQ Setup Time (tSU)
Full
II
3
ns
TxSYNC/TxIQ Hold Time (tHD)
Full
II
3
ns
MCLK Rising Edge to RxSYNC/RxIQ/IF Valid Delay (tMD)
Full
II
0
1.0
ns
REFCLK Rising or Falling Edge to RxSYNC/RxIQ/IF Valid
Delay (tOD)
Full
II
TOSC/4 − 2.0
TOSC/4 + 3.0
ns
REFCLK Edge to MCLK Falling Edge (tEE)
Full
II
−1.0
+1.0
ns
Serial Control Bus
Maximum SCLK Frequency (fSCLK)
Full
II
15
MHz
Minimum Clock Pulse Width High (tPWH)
Full
II
30
ns
Minimum Clock Pulse Width Low (tPWL)
Full
II
30
ns
Maximum Clock Rise/Fall
Full
II
1
μs
Minimum Data/Chip-Select Setup Time (tDS)
Full
II
25
ns
Minimum Data Hold Time (tDH)
Full
II
0
ns
Maximum Data Valid Time (tDV)
Full
II
30
ns
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
II
DRVDD − 0.7
V
Logic 0 Voltage
25°C
II
0.4
V
Logic 1 Current
25°C
II
12
μA
Logic 0 Current
25°C
II
12
μA
Input Capacitance
25°C
III
3
pF
CMOS LOGIC OUTPUTS (1 mA Load)
Logic 1 Voltage
25°C
II
DRVDD − 0.6
V
Logic 0 Voltage
25°C
II
0.4
V
POWER SUPPLY
Supply Current, IS (Full Operation)
25°C
II
233
272
mA
Analog Supply Current, IAS
25°C
III
85
mA
Digital Supply Current, IDS
25°C
III
228
mA
Supply Current, IS
Standby (PWRDN Pin Active)
25°C
I
104
113
mA
Full Power-Down (Register 0x02 = 0xF9)
25°C
III
10
mA
Power-Down Tx Path (Register 0x02 = 0x20)
25°C
III
60
mA
Power-Down Rx Path (Register 0x02 = 0x19)
25°C
III
265
mA
Reset (RESET Pin Active)
25°C
III
85
mA
Power Supply Rejection (Differential Signal)
Tx DAC
25°C
III
<0.25
% FS
8-Bit ADC
25°C
III
<0.004
% FS
12-Bit ADC
25°C
III
<0.0004
% FS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com