Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9877 Datasheet HTML 29Page - Analog Devices AD9877 Datasheet HTML 30Page - Analog Devices AD9877 Datasheet HTML 31Page - Analog Devices AD9877 Datasheet HTML 32Page - Analog Devices AD9877 Datasheet HTML 33Page - Analog Devices AD9877 Datasheet HTML 34Page - Analog Devices AD9877 Datasheet HTML 35Page - Analog Devices AD9877 Datasheet HTML 36Page - Analog Devices AD9877 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD9877
Rev. B | Page 32 of 36
Figure 43 shows the schematic of a possible transformer
coupled circuit. Transformers with turn ratios (n2/n1) other than
1 can be selected to optimize the performance of a given
application. For example, selecting a transformer with a higher
impedance ratio (such as minicircuits T16 to 6T with an
impedance ratio of (z2/z1) = 16 = (n2/n1)2) effectively steps up
the signal amplitude, thus further reducing the output voltage
swing of the signal source.
AINP
AINN
AD9877
R
R1
C
Figure 43. Transformer Coupled Input
In Figure 43, a resistor R1 is added between the analog inputs to
match the source impedance R as in the formula
R = [R1||RAIN](Z1/Z2)
ADC VOLTAGE REFERENCES
The AD9877 has two independent internal references for its
8-bit and 12-bit ADCs. Both 8-bit ADCs have a 1 V p-p input
and share one internal reference source. The 12-bit ADC,
however, is designed for 2 V p-p input voltages and provides its
own internal reference. Figure 16 shows the proper connections
of the reference pins REFT and REFB.
External references may be necessary for systems that require
high accuracy gain matching between ADCs or improvements
in temperature drift and noise characteristics. External
references REFT and REFB need to be centered at AVDD/2
with offset voltages as specified:
REFT8: AVDDIQ/2 + 0.25 V
REFB8: AVDDIQ/2 − 0.25 V
REFT12: AVDD/2 + 0.5 V
REFB12: AVDD/2 − 0.5 V
A differential level of 0.5 V between the reference pins results in
a 1 V p-p ADC input level AIN. A differential level of 1 V
between the reference pins results in a 2 V p-p ADC input level
AIN. Internal reference sources can be powered down when
external references are used (Register Address 0x002).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com