Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9877 Datasheet HTML 7Page - Analog Devices AD9877 Datasheet HTML 8Page - Analog Devices AD9877 Datasheet HTML 9Page - Analog Devices AD9877 Datasheet HTML 10Page - Analog Devices AD9877 Datasheet HTML 11Page - Analog Devices AD9877 Datasheet HTML 12Page - Analog Devices AD9877 Datasheet HTML 13Page - Analog Devices AD9877 Datasheet HTML 14Page - Analog Devices AD9877 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD9877
Rev. B | Page 10 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
VAS = 3.3 V, VDS = 3.3 V, fOSCIN = 27 MHz, fSYSCLK = 216 MHz, fMCLK = 54 MHz (M = 8 and N = 4). ADC sample rate derived directly from
fOSCIN, RSET = 4.02 kΩ (IOUT = 10 mA), and 75 Ω DAC load, unless otherwise noted.
TYPICAL POWER CONSUMPTION CHARACTERISTICS
Transmitted 20 MHz single tone, unless otherwise noted.
fSYSCLK (MHz)
120
240
140
160
180
200
220
340
320
300
280
260
240
220
200
180
Figure 3. Power Consumption vs. Clock Speed, fSYSCLK
% DUTY CYCLE
0
100
10
30
50
60
70
310
300
290
280
270
260
250
20
40
90
80
Figure 4. Power Consumption vs. Transmit Burst Duty Cycle
DUAL SIDEBAND TRANSMIT SPECTRUM
See Table 11 for dual-tone generation.
FREQUENCY (MHz)
02
2
6
10
12
14
0
–20
–30
–50
–60
–70
–90
48
18
16
–80
–40
–10
0
Figure 5. Dual Sideband Spectral Plot, fC = 5 MHz, f = 1 MHz,
RSET = 4.02 KΩ, DAC Gain = 7.5 dB, RBW = 1 kHz
FREQUENCY (MHz)
55
75
61
65
67
69
59
63
73
71
0
–20
–30
–50
–60
–70
–90
–80
–40
–10
57
Figure 6. Dual Sideband Spectral Plot, fC = 65 MHz, f = 1 MHz,
RSET = 4.02 KΩ, (IOUT = 10 mA), RBW = 1 kHz
SINGLE SIDEBAND TRANSMIT SPECTRUM
FREQUENCY (MHz)
0
110
30
50
60
70
0
–20
–30
–50
–60
–70
–90
20
40
90
80
–80
–40
–10
10
100
Figure 7. Single Sideband @ 65 MHz, RBW = 2 kHz, fC = 66 MHz,
f = 1 MHz, RSET = 4.02 KΩ, DAC gain = 7.5 dB
FREQUENCY (MHz)
0
110
30
50
60
70
0
–20
–30
–50
–60
–70
–90
20
40
90
80
–80
–40
–10
10
100
Figure 8. Single Sideband @ 42 MHz, RBW = 2 kHz, fC = 43 MHz,
f = 1 MHz, RSET = 4.02 KΩ, DAC gain = 7.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com