Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9877 Datasheet HTML 14Page - Analog Devices AD9877 Datasheet HTML 15Page - Analog Devices AD9877 Datasheet HTML 16Page - Analog Devices AD9877 Datasheet HTML 17Page - Analog Devices AD9877 Datasheet HTML 18Page - Analog Devices AD9877 Datasheet HTML 19Page - Analog Devices AD9877 Datasheet HTML 20Page - Analog Devices AD9877 Datasheet HTML 21Page - Analog Devices AD9877 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
AD9877
Rev. B | Page 17 of 36
Σ-Δ OUTPUTS
The AD9877 contains two independent Σ-Δ outputs that
provide a digital logic bit stream with an average duty cycle that
varies between 0% and (4095/4096)%, depending on the
programmed code, as shown in Figure 19.
These bit streams can be low-pass filtered to generate
programmable dc voltages of
VDC = (Σ-Δ Code/4096)(VH) + VL
where:
VH = VDRVDD − 0.6 V.
VL = 0.4 V.
In set-top box and cable modem applications, the outputs can
be used to control external variable gain amplifiers and RF
tuners. A simple single-pole RC low-pass filter provides
sufficient filtering (Figure 20).
In more demanding applications where additional gain, level
shift, or drive capability is required, a first or second order
active filter might be considered for each Σ-Δ output (Figure 21).
0x000
0x001
0x002
0x800
0xFFF
4096
× 8 t
MCLK
4096
× 8 t
MCLK
8
tMCLK
8
tMCLK
Figure 19. Σ-Δ Output Signals
Σ-Δ
Σ-Δ
CONTROL
WORD 0
CONTROL
WORD 1
12
12
SIGMA-DELTA 0
SIGMA-DELTA 1
R
R
C
C
DC (0.4 TO
DRVDD – 0.6V)
DC (0.4 TO
DRVDD – 0.6V)
TYPICAL:
R = 50k
Ω
C = 0.01
μF
f–3dB = 1/(2πRC) = 318Hz
÷8
MCLK
AD9877
Figure 20. Σ-Δ RC Filter
R
C
VOUT = (VSD + VOFFSET) (1 + R/R1)/2
TYPICAL:
R = 50k
Ω
C = 0.01
μF
f–3dB = 1/(2πRC) = 318Hz
AD9877
R
VOFFSET
OP250
R1
R
C
VSD
VOUT
Σ-Δ
Figure 21. Σ-Δ Active Filter with Gain and Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com