Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9877 Datasheet HTML 15Page - Analog Devices AD9877 Datasheet HTML 16Page - Analog Devices AD9877 Datasheet HTML 17Page - Analog Devices AD9877 Datasheet HTML 18Page - Analog Devices AD9877 Datasheet HTML 19Page - Analog Devices AD9877 Datasheet HTML 20Page - Analog Devices AD9877 Datasheet HTML 21Page - Analog Devices AD9877 Datasheet HTML 22Page - Analog Devices AD9877 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
AD9877
Rev. B | Page 18 of 36
REGISTER MAP AND BIT DEFINITIONS
Table 4. Register Map1
Address
(Hex)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
(Hex)
Type
0x00
SDIO
Bidirectional
LSB First
RESET
OSCIN Multiplier M [4]
08
Read/write
0x01
PLL Lock
Detect
SYSCLK
Divider
N = 3
(N = 4
Default)
MCLK Divider R [5:0]
00
Read/write
0x02
Power-
Down PLL
Power-
Down
DAC Tx
Power-Down
Digital Tx
Power-
Down
12-Bit
ADC
Power-Down
12-Bit ADC
Reference
0
0
Power-
Down
8-Bit
ADC
00
Read/write
0x03
Σ-Δ Output [0] Control Word [3:0] LSB
0
0
0
Flag [0]
Enable
00
Read/write Σ-Δ
0x04
Flag [0]
Σ-Δ Output 0 Control Word [11:4] MSB
00
Read/write Σ-Δ
0x05
Σ-Δ Output [0] Control Word [3:0] LSB
0
0
0
Flag [1]
Enable
00
Read/write Σ-Δ
0x06
Flag [1]
Σ-Δ Output 1 Control Word [11:4] MSB
00
Read/write Σ-Δ
0x07
0
0
0
0
0
0
0
0
00
Read/write Tx
0x08
ADC Clock
Select
0
0
Power-
Down
RxSYNC
and 8-
Bit ADC
Clock
0
0
0
0
80
Read/write
ADC
0x09
0
0
0
0
0
0
0
0
00
Read/write
0x0A
0
0
0
0
0
0
0
0
00
Read only
0x0B
0
0
0
0
0
0
0
0
00
Read/write
0x0C
0
0
0
1
Version [3:0]
10
Read only
0x0D
Tx Frequency Tuning
Word Profile 3 LSBs [1:0]
Tx Frequency Tuning
Word Profile 2 LSBs [1:0]
Tx Frequency Tuning
Word Profile 1 LSB [1:0]
Tx Frequency Tuning
Word Profile 3 LSBs [1:0]
00
Read/write Tx
0x0E
0
0
0
0
DAC Gain Control [3:0]
00
Read/write Tx
0x0F
0
0
Profile Select [1:0]
CA Interface
Mode Select
0
Spectral
Inversion Tx
Single-
Tone Tx
Mode
00
Read/write Tx
0x10
Tx Frequency Turning Word Profile 0 [9:2]
00
Read/write Tx
0x11
Tx Frequency Turning Word Profile 0 [17:10]
00
Read/write Tx
0x12
Tx Frequency Turning Word Profile 0 [25:18]
00
Read/write Tx
0x13
CA Interface Transmit Word Control Profile 0 [7:4]
DAC Gain Control Profile 0 [3:0]
00
Read/write Tx
0x14
Tx Frequency Turning Word Profile 1 [9:2]
00
Read/write Tx
0x15
Tx Frequency Turning Word Profile 1 [9:2]
00
Read/write Tx
0x16
Tx Frequency Turning Word Profile 1 [9:2]
00
Read/write Tx
0x17
CA Interface Transmit Word Control Profile 1 [7:4]
DAC Gain Control Profile 1 [3:0]
00
Read/write Tx
0x18
Tx Frequency Turning Word Profile 2 [9:2]
00
Read/write Tx
0x19
Tx Frequency Turning Word Profile 2 [9:2]
00
Read/write Tx
1A
Tx Frequency Turning Word Profile 2 [9:2]
00
Read/write Tx
0x1B
CA Interface Transmit Word Control Profile 2 [7:4]
DAC Gain Control Profile 2 [3:0]
00
Read/write Tx
0x1C
Tx Frequency Turning Word Profile 3 [9:2]
00
Read/write Tx
0x1D
Tx Frequency Turning Word Profile 3 [9:2]
00
Read/write Tx
0x1E
Tx Frequency Turning Word Profile 3 [9:2]
00
Read/write Tx
0x1F
CA Interface Transmit Word Control Profile 3 [7:4]
DAC Gain Control Profile 3 [3:0]
00
Read/write Tx
1 Register bits denoted with 0 must be programmed with a 0 each time that register is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com