Electronic Components Datasheet Search
  English  ▼

X  

AD9877 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9877
Description  Set-Top Box, Cable Modem
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9877 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9877 Datasheet HTML 5Page - Analog Devices AD9877 Datasheet HTML 6Page - Analog Devices AD9877 Datasheet HTML 7Page - Analog Devices AD9877 Datasheet HTML 8Page - Analog Devices AD9877 Datasheet HTML 9Page - Analog Devices AD9877 Datasheet HTML 10Page - Analog Devices AD9877 Datasheet HTML 11Page - Analog Devices AD9877 Datasheet HTML 12Page - Analog Devices AD9877 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
AD9877
Rev. B | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
2
DRGND
3
DRVDD
4
IF(11)
7
IF(8)
6
IF(9)
5
IF(10)
1
AVDD
8
IF(7)
9
IF(6)
10
IF(5)
12
IF(3)
13
IF(2)
14
IF(1)
15
IF(0)
16
RxIQ(3)
17
RxIQ(2)
18
RxIQ(1)
19
RxIQ(0)
20
RxSYNC
21
DRGND
22
DRVDD
23
MCLK
24
DVDD
25
DGND
26
TxSYNC
27
TxIQ(5)
28
TxIQ(4)
29
TxIQ(3)
30
TxIQ(2)
11
IF(4)
79
I IN+
78
I IN–
77
AGNDIQ
74
AGNDIQ
75
NC
76
NC
80
AGNDIQ
73
AVDDIQ
72
DRVDD
71
REFCLK
69
DGNDSD
68
SDELTA0
67
SDELTA1
66
DVDDSD
65
CA_EN
64
CA_DATA
63
CA_CLK
62
DVDDOSC
61
OSCIN
60
XTAL
59
DGNDOSC
58
AGNDPLL
57
PLLFILT
56
AVDDPLL
55
DVDDPLL
54
DGNDPLL
53
AVDDTx
52
Tx+
51
Tx–
70
DRGND
PIN 1
AD9877
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 84, 87, 92, 95
AVDD
12-Bit ADC Analog 3.3 V Supply.
2, 21, 70
DRGND
Pin Driver Digital Ground.
3, 22, 72
DRVDD
Pin Driver Digital 3.3 V Supply.
25, 34, 39, 40
DGND
Digital Ground.
24, 33, 38
DVDD
Digital 3.3 V Supply.
45
DGNDTx
Tx Path Digital Ground.
46
DVDDTx
Tx Path Digital 3.3 V Supply.
50
AGNDTx
Tx Path Analog Ground.
53
AVDDTx
Tx Path Analog 3.3 V Supply.
54
DGNDPLL
PLL Digital Ground.
55
DVDDPLL
PLL Digital 3.3 V Supply.
56
AVDDPLL
PLL Analog 3.3 V Supply.
58
AGNDPLL
PLL Analog Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com