Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 15Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 16Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 17Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 18Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
______________________________________________________________________________________
19
A good compromise between size and efficiency is an
LIR of 0.3. Once all the parameters are chosen, the
inductor value is determined as follows:
where fS is the switching frequency. Choose a standard-
value inductor close to the calculated value. The exact
inductor value is not critical and can be adjusted to
make trade-offs among size, cost, and efficiency. Lower
inductor values minimize size and cost, but they also
increase the output ripple and reduce the efficiency due
to higher peak currents. On the other hand, higher induc-
tor values increase efficiency, but eventually resistive
losses due to extra turns of wire exceed the benefit
gained from lower AC current levels. This is especially
true if the inductance is increased without also increas-
ing the physical size of the inductor. Find a low-loss
inductor with the lowest possible DC resistance that fits
the allotted dimensions. Ferrite cores are often the best
choice, although powdered iron is inexpensive and can
work well at 300kHz. The chosen inductor’s saturation
current rating must exceed the peak inductor current
determined as:
Setting the Current Limits
Valley Current Limit
The valley current limit employs a current foldback
scheme. The MAX8543 has a fixed valley current-limit
threshold of 130mV, and a fixed foldback ratio (PFB) of
23%. The foldback ratio is the current-limit threshold
when the output is at 0V (output shorted to ground),
divided by the threshold when the output is at its nominal
regulated value. Thus, the minimum output current limit
(ILIM) and maximum short-circuit current (ISC) is calculat-
ed as:
where RDS(ON) is the maximum on-resistance of the
low-side MOSFET at the highest expected operating
junction temperature, and IP-P is the inductor ripple cur-
rent, calculated as:
Ensure that ILIM is equal to or greater than the maxi-
mum load current at peak current limit (see the Peak
Current Limit section):
where 40mV is the maximum current-limit threshold
when the output is shorted (VOUT = 0V).
The MAX8544 has an adjustable valley current limit and
can be selected for foldback with automatic recovery,
or constant current with latch-up. To set the current limit
for foldback mode, connect a resistor from ILIM2 to the
output (RFOBK), and another resistor from ILIM2 to
GND (RILIM). See Figure 6. The values of RFOBK and
RILIM are calculated as follows:
1) First, select the percentage of foldback (PFB). This
percentage corresponds to the current limit when
VOUT equals zero, divided by the current limit when
VOUT equals a nominal voltage. A typical value of
PFB is in the range of 15% to 40%. A lower value of
PFB yields lower short-circuit current. The following
equations are used to calculate RFOBK and RILIM:
where IVALLEY is the value of the inductor valley
current at maximum load (ILOAD(MAX) - 1/2 IP-P),
and RDS(ON) is the maximum on-resistance of the
low-side MOSFET at the highest operating junction
temperature.
R
RI
P
R
VR
I
P
ILIM
DS ON
VALLEY
FB
FOBK
OUT
DS ON
VALLEY
FB
=
××
× −
()×
−×
×
× −
()
[]
51
51
()
()
R
PV
AP
FOBK
FB
OUT
FB
=
×
×−
()
51
µ
I
V
R
I
SC
DS ON
PP
=+ −
004
2
.
()
I
VV
V
fL
V
PP
IN
OUT
OUT
SIN
− =
−
()×
××
I
V
R
I
LIM
DS ON
PP
=+ −
011
2
.
()
II
LIR
I
PEAK
LOAD MAX
LOAD MAX
=+
×
()
()
2
L
VV
V
V
f
I
LIR
OUT
IN
OUT
IN
S
LOAD MAX
=
×−
××
×
()
()
MAX8544
RFOBK
RILIM
LX
OUT
ILIM2
Figure 6. ILIM2 Resistor Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com