Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
_______________________________________________________________________________________
7
EFFICIENCY vs. LOAD CURRENT
WITH 12V INPUT
LOAD CURRENT (A)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
fS = 600kHz
EFFICIENCY vs. LOAD CURRENT
WITH 3.3V INPUT
LOAD CURRENT (A)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
VOUT = 2.5V
VOUT = 1.8V
fS = 500kHz
VOUT = 1.5V
LOAD REGULATION WITH 12V INPUT
LOAD CURRENT (A)
12
9
6
3
2.46
2.47
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
2.45
015
LINE REGULATION WITH 12V INPUT
AND 2.5V OUTPUT
INPUT VOLTAGE (V)
12.6
12.0
11.4
2.492
2.494
2.496
2.498
2.500
2.502
2.504
2.506
2.508
2.510
2.490
10.8
13.2
NO LOAD
15A LOAD
LINE REGULATION
3.0V TO 3.6V INPUT
INPUT VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
2.44
2.46
2.48
2.50
2.52
2.54
2.42
3.0
3.6
NO LOAD
15A LOAD
fS = 350kHz
15A LOAD
fS = 500kHz
OSCILLATOR FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
420
440
460
480
500
520
540
560
580
600
400
3.0
5.5
TA = +85
°C
TA = +25
°C
TA = -40
°C
R6 = 53.6k
Ω
OSCILLATOR FREQUENCY
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
11.5
9.5
7.5
520
540
560
580
600
620
640
660
680
700
500
5.5
13.5
R6 = 42.2k
Ω
TA = +85
°C
TA = -40
°C
TA = +25
°C
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com