Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 23Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 24Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 25Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 26Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
______________________________________________________________________________________
25
3.43kHz << fC < 120kHz; select fC = 120kHz.
Since fzMOD < fC:
Select the nearest standard value: CC = 220pF
Select the nearest standard value: CF = 10pF:
R3 = RC = 220k
Ω
C8 = CC = 220pF
C7 = CF = 10pF
Applications Information
PC Board Layout Guidelines
Careful PC board layout is critical to achieve low
switching losses and clean, stable operation. The
switching power stage requires particular attention.
Follow these guidelines for good PC board layout:
1) Place IC decoupling capacitors as close to IC pins
as possible. Keep separate the power ground
plane and the signal ground plane. Place the input
ceramic decoupling capacitor directly across and
as close as possible to the high-side MOSFET’s
drain and the low-side MOSFET’s source. This is to
help contain the high switching current within this
small loop.
2) For output current greater than 10A, a four-layer PC
board is recommended. Pour a signal ground
plane in the second layer underneath the IC to min-
imize noise coupling.
3) Connect input, output, snubber, and VL capacitors
to the power ground plane; connect all other
capacitors to the signal ground plane.
4) Place the inductor current-sense resistor and capaci-
tor as close to the inductor as possible. Make a
Kelvin connection to minimize the effect of PC board
trace resistance. Place the input bias balance resistor
and bypass capacitor (R5 and C10 in Figures 7 and
8) near CS-. Run two closely parallel traces from
across the capacitor (C9 in Figures 7 and 8) to CS+
and CS-. Place the decoupling capacitor C11 close
to CS+ and CS- pins.
5) Place the MOSFET as close as possible to the IC to
minimize trace inductance of the gate-drive loop. If
parallel MOSFETs are used, keep the trace lengths
to both gates equal.
6) Connect the drain leads of the power MOSFET to a
large copper area to help cool the device. Refer to
the power MOSFET data sheet for recommended
copper area.
7) Place the feedback and compensation components
as close to the IC pins as possible. Connect the
feedback-divider resistor from FB to the output as
close as possible to the farthest output capacitor.
Refer to the MAX8544 evaluation kit for an example layout.
C
Rf
pF
F
C
zMOD
=
××
=
××
×
×
=
1
2
1
2
220 10
88 4 10
82
33
π
π () ( .
)
.
C
Rf
L C
Rf
L
R
pF
C
LOAD
S
OUT
LOAD
S
C
=
×× ×
+×
()×
=
××
×
+×
×
⎛
⎝
⎞
⎠
×
=
−−
−
.(
)( .
)(
)
.(
)( .
) (
)
0 167 600 10
0 8 10
360 10
0 167
600 10
0 8 10
220 10
202
36
6
36
3
R
V
V
f
gG
f
k
C
OUT
FB
C
mEA
MOD fc
zMOD
=×
××
=×
×
××
×
×
=
−
()
.
.
()
.
(
.
)
25
08
120 10
110 10
0 175
88 4 10
220
3
63
Ω
GG
f
f
MOD fc
MOD dc
pMOD
zMOD
()
(
)
.
.
.
.
=×
=×
×
×
=
45
343 10
88 4 10
0 175
3
3
f
C
ESR
kHz
zMOD
OUT
=
××
=
××
×
=
−
1
2
1
2
360 10
0 005
88 4
6
π
π ()
.
.
ff
f
pMOD
C
S
<<
≤
5
f
C
Rf
L
Rf
L
ESR
kHz
pMOD
OUT
LOAD
S
LOAD
S
=
××
××
+×
+
⎛
⎝⎜
⎞
⎠⎟
=
××
×
××
×
×
⎛
⎝
⎞
⎠
+×
×
×
⎛
⎝
⎞
⎠
+
⎛
⎝
⎜
⎜
⎜
⎞
⎠
⎟
⎟
⎟
=
−
−
−
1
2
1
2
360 10
0 167
600 10
0 8 10
0 167
600 10
0 8 10
0 005
343
6
36
36
π
π ()
.(
)
.
.(
)
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com