Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 13.2V, VBST - VLX = 5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
POK
Power-OK Threshold
VFB rising, percent of VOUT,
typical hysteresis is 3%
88
94
%
POK Output Voltage, Low
VFB = 0.6V, IPOK = 2mA
200
mV
POK Leakage Current, High
VPOK = 5.5V
1
µA
OVERVOLTAGE PROTECTION (OVP)
Output Overvoltage Fault-Trip level
Rising edge compared to regulation set point;
triggers after one or two clock cycles
+110
+120
%
MODE CONTROL
MODE Logic-Level Low
3V
≤ VVL ≤ 5.5V
0.4
V
MODE Logic-Level High
3V
≤ VVL ≤ 5.5V
1.8
V
VMODE = 0V
-1
+1
MODE Input Current
MODE = VL
10
µA
SHUTDOWN CONTROL
EN Logic-Level Low
3V
≤ VVL ≤ 5.5V
0.45
V
EN Logic-Level High
3V
≤ VVL ≤ 5.5V
2
V
VEN = 0V or 5.5V
-1
+4
EN Input Current
VEN = 13.2V
6
µA
Note 1: Maximum output voltage is limited by maximum duty cycle and external components.
Note 2: Specifications to -40°C are guaranteed by design and not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com