Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8543EEE Datasheet HTML 1Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 2Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 3Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 4Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 13.2V, VBST - VLX = 5V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POK
Power-OK Threshold
VFB rising, percent of VOUT,
typical hysteresis is 3%
88
91
94
%
POK Output Voltage, Low
VFB = 0.6V, IPOK = 2mA
25
200
mV
POK Leakage Current, High
VPOK = 5.5V
0.001
1
µA
OVERVOLTAGE PROTECTION (OVP)
Output Overvoltage Fault-Trip level
Rising edge compared to regulation set point;
triggers after one or two clock cycles
+110
+115
+120
%
MODE CONTROL
MODE Logic-Level Low
3V
≤ VVL ≤ 5.5V
0.4
V
MODE Logic-Level High
3V
≤ VVL ≤ 5.5V
1.8
V
VMODE = 0V
-1
+1
MODE Input Current
MODE = VL
5
10
µA
SHUTDOWN CONTROL
EN Logic-Level Low
3V
≤ VVL ≤ 5.5V
0.45
V
EN Logic-Level High
3V
≤ VVL ≤ 5.5V
2
V
VEN = 0 or 5.5V
-1
+4
EN Input Current
VEN = 13.2V
1.5
6
µA
ELECTRICAL CHARACTERISTICS
(VIN = 13.2V, VBST - VLX = 5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
Operating Input Voltage Range
VL connected to IN for VIN < 5.5V
3.0
13.2
V
Quiescent Supply Current
VFB = 0.9V, no switching
3
mA
EN = GND, MODE = GND, IN not connected to VL
10
Shutdown Supply Current
EN = GND, VL = IN, MODE = GND
20
µA
VL Undervoltage-Lockout Trip Level
VVL rising, typical hysteresis is 80mV
2.52
2.88
V
Output Voltage Adjust Range (VOUT)
(Note 1)
0.8
V
VL Output Voltage
5.5V < VIN < 13.2V, 1mA < IVL < 75mA
4.5
5.5
V
VL Output Current
75
mA
VOLTAGE REFERENCE
SS Shutdown Resistance
From SS to GND, VEN = 0V
100
Ω
SS Soft-Start Current
VREF = 0.625V
14
34
µA
ERROR AMPLIFIER
FB Regulation Voltage
0.788
0.808
V
Transconductance
70
160
µS
COMP Shutdown Resistance
From COMP to GND, VEN = 0V
100
Ω
FB Input Leakage Current
VFB = 0.9V
100
nA
FB Input Common-Mode Range
-0.1
+0.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com