Electronic Components Datasheet Search
  English  ▼

X  

MAX8543EEE Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX8543EEE
Description  Step-Down Controllers with Prebias Startup, Lossless Sensing, Synchronization, and OVP
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8543EEE Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX8543EEE Datasheet HTML 19Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 20Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 21Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 22Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 23Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 24Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 25Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 26Page - Maxim Integrated Products MAX8543EEE Datasheet HTML 27Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Step-Down Controllers with Prebias Startup,
Lossless Sensing, Synchronization, and OVP
24
______________________________________________________________________________________
The crossover frequency, fC, should be much higher
than the power-modulator pole fPMOD. Also, fC should
be less than or equal to 1/5th the switching frequency.
Select a value for fC in the range:
At the crossover frequency, the total loop gain must
equal 1, and is expressed as:
For the case where fzMOD is greater than fC:
then RC can be calculated as:
where gmEA = 110µS.
The error-amplifier compensation zero formed by RC
and CC should be set at the modulator pole fPMOD. CC
is calculated by:
If fzMOD is less than 5 x fC, add a second capacitor CF
from COMP to GND. The value of CF is calculated as
follows:
As the load current decreases, the modulator pole also
decreases; however, the modulator gain increases
accordingly and the crossover frequency remains
the same.
For the case where fzMOD is less than fC:
The power-modulator gain at fC is:
The error-amplifier gain at fC is:
RC is calculated as:
where gmEA = 110µS.
CC is calculated from:
CF is calculated from:
Below is a numerical example to calculate RC and CC
values of the typical operating circuit of Figure 1
(MAX8544):
AVCS = 11 (for ILIM1 = GND)
RDC = 2.5m
Ω
gmc = 1 / (AVCS x RDC) = 1 / (11 x 0.0025) = 36.7S
VOUT = 2.5V
IOUT(MAX) = 15A
RLOAD = VOUT / IOUT(MAX) = 2.5 / 15 = 0.167
Ω
COUT = 360µF
ESR = 5m
Ω
Gg
Rf
L
Rf
L
MOD dc
mc
LOAD
S
LOAD
S
()
()
.
.(
)
.
.(
)
.
.
=×
××
+×
=
××
×
×
()
+×
×
×
()
=
−
−
36 36
0 167
600 10
0 8 10
0 167
600 10
0 8 10
450
36
36
C
Rf
F
C
zMOD
=
××
1
2
π
C
Rf
L C
Rf
L
R
C
LOAD
S
OUT
LOAD
S
C
=
×× ×
+×
()×
()
R
V
V
f
gG
f
C
OUT
FB
C
mEA
MOD fc
zMOD
=×
××
()
Gg
R
f
f
EA fc
mEA
C
zMOD
C
() =×
×
GG
f
f
MOD fc
MOD dc
pMOD
zMOD
()
(
)
=×
C
Rf
F
C
zMOD
=
××
1
2
π
C
Rf
L C
Rf
L
R
C
LOAD
S
OUT
LOAD
S
C
=
×× ×
+×
()×
()
R
V
gV
G
C
OUT
mEA
FB
MOD fc
=
××
()
GG
f
f
MOD fc
MOD dc
pMOD
C
()
(
)
=×
Gg
R
EA fc
mEA
C
() =×
GG
V
V
EA fc
MOD fc
FB
OUT
()
()
××
= 1
ff
f
pMOD
C
S
<<
≤
5
f
CR
pEA
FC
=
××
1
2
π
f
CR
zEA
CC
=
××
1
2
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com