Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation AX88615P Datasheet HTML 10Page - ASIX Electronics Corporation AX88615P Datasheet HTML 11Page - ASIX Electronics Corporation AX88615P Datasheet HTML 12Page - ASIX Electronics Corporation AX88615P Datasheet HTML 13Page - ASIX Electronics Corporation AX88615P Datasheet HTML 14Page - ASIX Electronics Corporation AX88615P Datasheet HTML 15Page - ASIX Electronics Corporation AX88615P Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ASIX ELECTRONICS CORPORATION
12
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/ FlowCtl _En2
STXD0[2]
P2 Flow Control Enable : Enable flow control functions of switch port 2,
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/ FlowCtl _En1
STXD0[1]
P1 Flow Control Enable : Enable flow control functions of switch port 1,
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/FlowCtl_En0
STXD0[0]
P0 Flow Control Enable : Enable flow control functions of switch port 0,
802.3x for full duplex, back pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
Speed_S1
STXD1[2]
Speed Setting for Port 1, 2, 3, 4 : In RMII mode, speed “SCOL_SP1” pin
function selection
0 : Port 1, 2, 3, 4 RMII mode, SCOL_SP1 pin is Low for 10M,high for 100M
1 : Port 1, 2, 3, 4 RMII mode, SCOL_SP1 pin is Low for 100M,high for 10M
Speed_S0
STXD1[1]
Speed Setting for Port 0 : In RMII mode, speed “SCOL_SP0” pin function
selection
0 : Port 0 RMII mode, SCOL_SP0 pin is Low for 10M,high for 100M
1 : Port 0 RMII mode, SCOL_SP0 pin is Low for 100M,high for 10M
FdpxHi_S1
STXD1[0]
Duplex Setting for Port 1, 2, 3, 4 : Port 1, 2, 3, 4 “SDUPLEX1” pin function
select
0 : SDUPLEX1 pin is Low for half duplex,high for full duplex
1 : SDUPLEX1 pin is Low for full duplex,high for half duplex
FdpxHi_S0
STXEN1
Duplex Setting for Port 0 : Port 0 “SDUPLEX0” pin function selection
0 : SDUPLEX0 pin is Low for half duplex,high for full duplex
1 : SDUPLEX0 pin is Low for full duplex,high for half duplex
/RdPhy_En
STXD4[0]
MDIO read PHY Register 05h Information
0 : Enable
1 : Disable
PktLenOpt
STXD3[0]
Maximun Packet Length Selection
0 : 1522 Byte
1 : 1518 Byte
All of the above signals are pull-up for default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com