Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 18 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 18 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 14Page - ASIX Electronics Corporation AX88615P Datasheet HTML 15Page - ASIX Electronics Corporation AX88615P Datasheet HTML 16Page - ASIX Electronics Corporation AX88615P Datasheet HTML 17Page - ASIX Electronics Corporation AX88615P Datasheet HTML 18Page - ASIX Electronics Corporation AX88615P Datasheet HTML 19Page - ASIX Electronics Corporation AX88615P Datasheet HTML 20Page - ASIX Electronics Corporation AX88615P Datasheet HTML 21Page - ASIX Electronics Corporation AX88615P Datasheet HTML 22Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
ASIX ELECTRONICS CORPORATION
18
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
5.4.3 RMII Interface Timing Tx & Rx
T0
T1
REF_CLK
T2
T3
TX_EN
TXD
CRS_DV
T2
T3
RXD
Symbol
Description
Min
Typ.
Max
Units
T0
REF_CLK Clock Cycle Time
19.998
20
20.002
ns
T1
REF_CLK Clock High Time
7
10
13
ns
T2
CRS_DV, RXD, TXEN and TXD data setup to
REF_CLK rising edge
4
ns
T3
CRS_DV, RXD, TXEN and TXD data hold from
REF_CLK rising edge
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com