Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 11 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 11 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 7Page - ASIX Electronics Corporation AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation AX88615P Datasheet HTML 10Page - ASIX Electronics Corporation AX88615P Datasheet HTML 11Page - ASIX Electronics Corporation AX88615P Datasheet HTML 12Page - ASIX Electronics Corporation AX88615P Datasheet HTML 13Page - ASIX Electronics Corporation AX88615P Datasheet HTML 14Page - ASIX Electronics Corporation AX88615P Datasheet HTML 15Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ASIX ELECTRONICS CORPORATION
11
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
2.5 Power on configuration setup signals cross reference table
Signal Name
Share with
Description
/Hash_En
BMA[16]
Hash Algorithm Enable :
0 : Enable look-up table addressing use hashing algorithm.
1 : Disable look-up table addressing use linear addressing
Aging_S[2:0]
BMA[15:13]
Aging Timer Selection :
Aging_S2
Aging_S1
Aging_S0
Aging Time (Min)
1
1
1
no aging (disable)
1
1
0
5
1
0
1
10
1
0
0
20
0
1
1
40
0
1
0
160
0
0
1
640
0
0
0
1
RxFC_En
BMA[12]
PAUSE Identification Enable :
0 : Disable 802.3x receives flow control function in full duplex.
1 : Enable 802.3x receives flow control function in full duplex.
MII_S1
BMA[11]
MII Enable for Port 1, 2, 3, 4 :
0 : Switch port 1, 2, 3, 4 “RMII” mode is selected
1 : Switch port 1, 2, 3, 4 “MII” mode is selected
MII_S0
BMA[10]
MII Enable for Port 0 :
0 : Switch port 0 “RMII” mode is selected
1 : Switch port 0 “MII” mode is selected
/Part_En
BMA[9]
TX Partition Enable :
0 : Enable partition function of transition.
1 : Disable partition function of transition.
RAM_S
BMA[5]
RAM Size Selection : External packet buffer RAM size select
RAM_S
RAM SIZE
1
64K * 32 SSRAM
0
128K * 32 SSRAM
NetQlty_S
BMA[4]
Network Quality Selection: Auto forwarding mode is based on packet error
percentage to select Store-and-Forward or Fragment Free mode.
NetQlty_S
Error Packet Ratio
1
20%
0
40%
FwTyp_S1
FwTyp_S0
BMA[3]
BMA[2]
Forward Type Selection :
FwTyp _S1
FwTyp _S0
Forward Mode
1
1
Store & Forward
1
0
Store & Forward
0
1
Fragment Free
0
0
Auto
HiBndy_S1
HiBndy_S0
BMA[1]
BMA[0]
Threshold Selection for Flow Control :
Flow control will be active when buffer memory is below the threshold:
HiBndy_S1
HiBndy_S0
Buffers Left
1
1
64 packets
1
0
32 packets
0
1
16 packets
0
0
96 packets
/ FlowCtl _En4
STXEN0
P4 Flow Control Enable :
Enable flow control function of switch port 4, 802.3x for full duplex, back
pressure for half duplex.
0 : Enable flow control function.
1 : Disable flow control function.
/ FlowCtl _En3
STXD0[3]
P3 Flow Control Enable : Enable flow control functions of switch port 3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com