Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 22 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 22 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 18Page - ASIX Electronics Corporation AX88615P Datasheet HTML 19Page - ASIX Electronics Corporation AX88615P Datasheet HTML 20Page - ASIX Electronics Corporation AX88615P Datasheet HTML 21Page - ASIX Electronics Corporation AX88615P Datasheet HTML 22Page - ASIX Electronics Corporation AX88615P Datasheet HTML 23Page - ASIX Electronics Corporation AX88615P Datasheet HTML 24Page - ASIX Electronics Corporation AX88615P Datasheet HTML 25Page - ASIX Electronics Corporation AX88615P Datasheet HTML 26Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ASIX ELECTRONICS CORPORATION
22
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
5.4.7 LED DISPLAY
LED_CK
--------
-
-------
D0
D1
D2
..............
D22
D23
D0
D1
D2
LED_CK
LED[1:0]
Symbol
Description
Min
Typ.
Max
Units
T1
LED_CK Clock Cycle Time
400
ns
T2
Clock to Output Valid
206.5
ns
T3
Clock to Output Invalid
200
ns
T4
continuous 32 LED_CK Cycle Time
52.4
ms
5.4.8 LED Display After Reset
/Reset
T1
T2
T2
T2
T3
LED[1:0]
Symbol
Description
Min
Typ.
Max
Units
T1
Repeater reset time
1000
ns
T2
LED Blink Time After Reset
838.4
ms
T3
LED Dark Time Before Normal Display
419.2
ms
T4
T1
D1
D0
D15
…
.
D3
D2
D0
T3
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com