Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 10 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 10 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 6Page - ASIX Electronics Corporation AX88615P Datasheet HTML 7Page - ASIX Electronics Corporation AX88615P Datasheet HTML 8Page - ASIX Electronics Corporation AX88615P Datasheet HTML 9Page - ASIX Electronics Corporation AX88615P Datasheet HTML 10Page - ASIX Electronics Corporation AX88615P Datasheet HTML 11Page - ASIX Electronics Corporation AX88615P Datasheet HTML 12Page - ASIX Electronics Corporation AX88615P Datasheet HTML 13Page - ASIX Electronics Corporation AX88615P Datasheet HTML 14Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ASIX ELECTRONICS CORPORATION
10
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
2.4 Miscellaneous
Signal Name
Type Pin No.
Description
LCLK
I
70
Local Clock : 66Mhz. Used for system operation synchronous.
/RST
I
59
Reset : Active Low
The chip is reset when this signal is asserted Low.
REF_CLK
I
68
Reference clock : The input is a continue clock at 50Mhz for timing
reference with RMII interface.
/TEST
I/PU
58
Test Pin : Active LOW
The pin is just for test mode setting purpose only. Must be pull high when
normal operation.
MDIO
I/O
57
Station Management Data In/Out :
To read PHY Auto Negotiation Remote Capability register to get current
speed and duplex status. (See appendix also)
MDC
O
56
Station Management Data Clock Out : For MDIO reference clock.
DB_SEL[7:0]
I/PU
132-129,
119-116
Debug Mode Selection :
Enable debug selection when /TEST pin = 0
DB_OUT[7:0]
O
148-145,
124,123,
121,120
Debug Mode Monitor Output :
NC
O
38,39,40,
56,57,73,
74,95,99,
100,102,
105-109,
125,126,
128,
150-156,
203-207
NC : Keep no connection
VDD
I
25, 48,
69, 92,
122, 144,
164, 195,
POWER : +3.3V +/-5%
VSS
I
8, 35,
67, 71,
83, 101,
112,115,
127, 139,
149, 157,
174,185,
208
POWER: 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com