Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 13Page - ASIX Electronics Corporation AX88615P Datasheet HTML 14Page - ASIX Electronics Corporation AX88615P Datasheet HTML 15Page - ASIX Electronics Corporation AX88615P Datasheet HTML 16Page - ASIX Electronics Corporation AX88615P Datasheet HTML 17Page - ASIX Electronics Corporation AX88615P Datasheet HTML 18Page - ASIX Electronics Corporation AX88615P Datasheet HTML 19Page - ASIX Electronics Corporation AX88615P Datasheet HTML 20Page - ASIX Electronics Corporation AX88615P Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
ASIX ELECTRONICS CORPORATION
17
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
5.4 AC specifications
5.4.1 LCLK
LCLK
Tr
Tf
Tlow
BMCLK
Tod
Symbol
Description
Min
Typ.
Max
Units
Tcyc
CYCLE TIME
16.6
ns
Thigh
CLK HIGH TIME
6.64
8.3
9.96
ns
Tlow
CLK LOW TIME
6.64
8.3
9.96
ns
Tr/Tf
CLK SLEW RATE
1
-
4
ns
Tod
LCLK TO BMCLK OUT DELAY
2
ns
5.4.2 Reset Timing
REF_CLK
/RST
Symbol
Description
Min
Typ.
Max
Units
Trst
Reset pulse width
10
-
-
REF_Clk
Tcyc
Thigh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com