Electronic Components Datasheet Search
  English  ▼

X  

AX88615P Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88615P
Description  5-Port 10/100BASE Ethernet Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88615P Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88615P Datasheet HTML 16Page - ASIX Electronics Corporation AX88615P Datasheet HTML 17Page - ASIX Electronics Corporation AX88615P Datasheet HTML 18Page - ASIX Electronics Corporation AX88615P Datasheet HTML 19Page - ASIX Electronics Corporation AX88615P Datasheet HTML 20Page - ASIX Electronics Corporation AX88615P Datasheet HTML 21Page - ASIX Electronics Corporation AX88615P Datasheet HTML 22Page - ASIX Electronics Corporation AX88615P Datasheet HTML 23Page - ASIX Electronics Corporation AX88615P Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ASIX ELECTRONICS CORPORATION
20
CONFIDENTIAL
AX88615P 5-Port 10/100Mb Switch Controller
PRELIMINARY
5.4.5 SSRAM Read Cycle Timing
BMCLK
BMA[16:0]
/BMWR
/BMOE
BMD[7:0]
Symbol
Description
Min
Max
Units
T1
Clock Cycle Time
15
-
ns
T2
Address Bus Setup Time
2.5
-
ns
T3
Address Bus Hold Time
0.5
-
ns
T4
Clock to Output Invalid
2
-
ns
T5
Clock to Output Valid
-
6
ns
T5
T4
D1
T3
A1
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com