Electronic Components Datasheet Search
  English  ▼

X  

XRT73LC00 Datasheet(PDF) 33 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 33 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 29Page - Exar Corporation XRT73LC00 Datasheet HTML 30Page - Exar Corporation XRT73LC00 Datasheet HTML 31Page - Exar Corporation XRT73LC00 Datasheet HTML 32Page - Exar Corporation XRT73LC00 Datasheet HTML 33Page - Exar Corporation XRT73LC00 Datasheet HTML 34Page - Exar Corporation XRT73LC00 Datasheet HTML 35Page - Exar Corporation XRT73LC00 Datasheet HTML 36Page - Exar Corporation XRT73LC00 Datasheet HTML 37Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
áç
áç
áç
áç
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.1
30
Design Considerations for DS3 and STS-1 Appli-
cations
When installing equipment into environments as de-
picted in Figure 18, the system installation personnel
may be able to determine the cable length between
the local terminal equipment and the DSX-3/STSX-1
Cross-Connect Patch-Panel. The cable length be-
tween the local terminal equipment and the DSX-3/
STSX-1 Cross-Connect Patch Panel ranges between
0 and 450 feet.
It is extremely unlikely that the system installation
personnel will know the cable length between the
DSX-3/STSX-1 Cross-Connect Patch-Panel and the
remote terminal equipment. We recommend that the
Receive Equalizer be enabled by setting the REQDIS
input pin or bit-field to "0".
The only time the Receive Equalizer should be dis-
abled is when there is an off-chip equalizer in the Re-
ceive path between the DSX-3/STSX-1 Cross-Con-
nect and the RTIP/RRING input pins or, in applica-
tions where the Receiver is monitoring the transmit
output signal directly.
3.2.1.1.2
Design Considerations for E3 Appli-
cations
In E3 system installation, it is recommended that the
Receive Equalizer of the XRT73LC00 be enabled by
pulling the REQDIS input pin to GND or by setting the
REQDIS bit-field to “0”.
NOTE: The results of extensive testing indicates that when
the Receive Equalizer is enabled, the XRT73LC00 is capa-
ble of receiving an E3 line signal with anywhere from 0 to
12dB of cable loss over the Industrial Temperature range.
Design Considerations if the Overall Cable
Length is known
If during system installation the overall cable length is
known, then in order to optimize the performance of
the XRT73LC00 in terms of receive intrinsic jitter,
etc., the Receive Equalizer should be enabled or dis-
abled based upon the following recommendations:
The Receive Equalizer should be turned ON if the
Receive Section is going to receive a line signal with
an overall cable length of 300 feet or greater. The Re-
ceive Equalizer should be turned OFF if the Receive
Section is going to receive a line signal over a cable
length of less than 300 feet.
FIGURE 19. THE TYPICAL APPLICATION FOR THE SYSTEM INSTALLER
DSX-3
or
STSX-1
Digital Cross-
Connect System
Transmitting
Terminal
Receiving
Terminal
0 to 450 feet of
Cable
Pulses that are
compliant to the
Isolated DSX-3 or
STSX-1 Pulse
Template
Requirement
0 to 450 feet of
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com