Electronic Components Datasheet Search
  English  ▼

X  

XRT73LC00 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 35Page - Exar Corporation XRT73LC00 Datasheet HTML 36Page - Exar Corporation XRT73LC00 Datasheet HTML 37Page - Exar Corporation XRT73LC00 Datasheet HTML 38Page - Exar Corporation XRT73LC00 Datasheet HTML 39Page - Exar Corporation XRT73LC00 Datasheet HTML 40Page - Exar Corporation XRT73LC00 Datasheet HTML 41Page - Exar Corporation XRT73LC00 Datasheet HTML 42Page - Exar Corporation XRT73LC00 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
áç
áç
áç
áç
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
PRELIMINARY
REV. P1.0.1
36
To enable this feature, access the Microprocessor Se-
rial Interface and write a “1” into the LOSMUT bit-field
in Command Register 3.
NOTE: The XRT73LC00 automatically declares an LOS
Condition any time it has been configured to operate in
either the Analog Local Loop-Back or Digital Local Loop-
Back Modes. Muting -upon -LOS must be disabled prior to
configuring the device to operate in either of these local
Loop-Back modes.
3.7
ROUTING THE RECOVERED TIMING AND DATA
INFORMATION TO THE RECEIVING TERMINAL
EQUIPMENT
The XRT73LC00 ultimately takes the Recovered Tim-
ing and Data information, converts it into CMOS lev-
els and routes it to the Receiving Terminal Equipment
via the RPOS, RNEG, RCLK1 and RCLK2 output
pins.
The XRT73LC00 can deliver the recovered data and
clock information to the Receiving Terminal in either a
Single-Rail or Dual-Rail format.
Routing Dual-Rail Format Data to the Receiving
Terminal Equipment
Whenever the XRT73LC00 delivers Dual-Rail format
to the Terminal Equipment it does so via the following
output signals.
• RPOS
• RNEG
• RCLK1
• RCLK2
Figure 24 illustrates the typical interface for the trans-
mission of data in a Dual-Rail Format from the Re-
ceive Section of the XRT73LC00 to the Receiving
Terminal Equipment.
The manner that the LIU transmits Dual-Rail data to
the Receiving Terminal Equipment is described below
and illustrated in Figure 25. The XRT73LC00 typical-
ly updates the data on the RPOS and RNEG output
pins on the rising edge RCLK1 (or RCLK2).
COMMAND REGISTER CR3 (ADDRESS = 0X03)
D4
D3
D2
D1
D0
RNRZ
LOSMUT
CLK2DIS RCLK2INV CLK1INV
X
1
XXX
FIGURE 24. THE TYPICAL INTERFACE FOR THE TRANSMISSION OF DATA IN A DUAL-RAIL FORMAT FROM THE
RECEIVE SECTION OF THE XRT73LC00 TO THE RECEIVING TERMINAL EQUIPMENT
Exar E3/DS3/STS-1 LIU
Receive
Logic
Block
RxPOS
RxNEG
RCLK1, 2
RPOS
RNEG
RCLK1, 2
Terminal
Equipment
(E3/DS3 or STS-1
Framer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com