| Electronic Components Datasheet Search |
|
XRT73LC00 Datasheet(PDF) 45 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT73LC00 Datasheet(HTML) 45 Page - Exar Corporation |
|
45 / 53 page ![]() áç áç áç áç XRT73LC00 E3/DS3/STS-1 LINE INTERFACE UNIT PRELIMINARY REV. P1.0.1 42 The Transmit Drive Monitor feature performs monitor- ing of the line in the Transmit Direction for the occur- rence of fault conditions such as a short circuit on the line or a defective Transmit Drive in the XRT73LC00. The Transmit Drive Monitor is activated by connecting the MTIP pin (pin 44) to the TTIP line through a 270 Ω resistor connected in series and by connecting the MRING pin (pin 43) to the TRING line through a 270 Ω resistor connected in series, as illustrated in Figure 32. When the Transmit Drive Monitor circuitry is connect- ed to the line as illustrated in Figure 26, then it moni- tors the line for transitions. As long as the Transmit Drive Monitor circuitry detects transitions on the line via the MTIP and MRING pins, it keeps the DMO (Drive Monitor Output) signal “Low”. However, if the Transmit Drive Monitor circuit detects no transitions on the line for 128±32 TCLK periods, then the DMO signal toggles “High”. NOTES: 1. The Transmit Drive Monitor circuit does not have to be used to operate the Transmit Section of the XRT73LC00. This is purely a diagnostic feature. 2. The Transmit Drive Monitor feature can also be used to monitor the Transmit Output Line Signal of another LIU IC as illustrated in Figure 33. FIGURE 32. THE XRT73LC00 EMPLOYING THE TRANSMIT DRIVE MONITOR FEATURES R1 = 31.6 Ω R2 = 31.6 Ω TTIP TRING 1:1 MTIP MRING R3 = 270 Ω R4 = 270 Ω T1 R5 = 75 Ω |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |