Electronic Components Datasheet Search
  English  ▼

X  

XRT73LC00 Datasheet(PDF) 52 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 52 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 45Page - Exar Corporation XRT73LC00 Datasheet HTML 46Page - Exar Corporation XRT73LC00 Datasheet HTML 47Page - Exar Corporation XRT73LC00 Datasheet HTML 48Page - Exar Corporation XRT73LC00 Datasheet HTML 49Page - Exar Corporation XRT73LC00 Datasheet HTML 50Page - Exar Corporation XRT73LC00 Datasheet HTML 51Page - Exar Corporation XRT73LC00 Datasheet HTML 52Page - Exar Corporation XRT73LC00 Datasheet HTML 53Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 53 page
background image
XRT73LC00
áç
áç
áç
áç
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. P1.0.1
PRELIMINARY
49
ORDERING INFORMATION
PACKAGE DIMENSIONS
PART NO.PACKAGE
OPERATING TEMPERATURE RANGE
XRT73LC00IV
44 Pin TQFP (10mm x 10mm)
-40°C to +85°C
33
23
22
12
111
34
44
D
D
1
D
D
1
B
e
α
A
2
A
1
A
Seating Plane
L
C
44 LEAD THIN QUAD FLAT PACK
(10 x 10 x 1.4 mm TQFP)
rev. 1.00
Note: The control dimension is the millimeter column
SYMBOL
M I N
MAX
M I N
MAX
A
0.055
0.063
1.4
1.6
A 1
0.002
0.006
0.05
0.15
A 2
0.053
0.057
1.35
1.45
B
0.012
0.018
0.3
0.45
C
0.004
0.008
0.09
0.2
D
0.465
0.48
11.8
12.2
D 1
0.39
0.398
9.9
10.1
e
L
0.018
0.03
0.45
0.75
α
0o
7o
0o
7o
INCHES
MILLIMETERS
0.0315 BSC
0.80 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com