Electronic Components Datasheet Search
  English  ▼

X  

XRT73LC00 Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT73LC00 Datasheet HTML 34Page - Exar Corporation XRT73LC00 Datasheet HTML 35Page - Exar Corporation XRT73LC00 Datasheet HTML 36Page - Exar Corporation XRT73LC00 Datasheet HTML 37Page - Exar Corporation XRT73LC00 Datasheet HTML 38Page - Exar Corporation XRT73LC00 Datasheet HTML 39Page - Exar Corporation XRT73LC00 Datasheet HTML 40Page - Exar Corporation XRT73LC00 Datasheet HTML 41Page - Exar Corporation XRT73LC00 Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 53 page
background image
XRT73LC00
áç
áç
áç
áç
E3/DS3/STS-1 LINE INTERFACE UNIT
REV. P1.0.1
PRELIMINARY
35
If the XRT73LC00 is operating in the HOST Mode,
the state of ALOS can be polled or monitored by
reading in the contents of Command Register 0. The
bit-format of Command Register 0 is presented be-
low.
If the ALOS bit-field contains a “1”, the XRT73LC00 is
currently declaring an ALOS condition. If the ALOS
bit-field contains a “0”, the device is NOT currently de-
claring an ALOS condition.
Disabling the ALOS Detector
It is useful to disable the ALOS Detector in the
XRT73LC00 for debugging purposes. If the
XRT73LC00 is operating in the HOST Mode, the
ALOS Detector can be disabled by writing a “1” into
the ALOSDIS bit-field in Command Register 2 as de-
picted below.
NOTE: Setting both the ALOSDIS and DLOSDIS bit-fields
to “1” disables LOS Declaration in the XRT73LC00.
2. The Digital LOS (DLOS) Declaration/Clear-
ance Criteria
The XRT73LC00 declare a Digital LOS (DLOS) con-
dition if the XRT73LC00 detects 160±32 or more con-
secutive “0’s” in the incoming data.
The XRT73LC00 clears DLOS if it detects four con-
secutive sets of 32 bit-periods each of which contains
at least 10 “1’s” (e.g., average pulse density of greater
than 33%).
Monitoring the State of DLOS
If the XRT73LC00 is operating in the HOST Mode,
the state of DLOS can be polled or monitored by
reading in the contents of Command Register 0 as
shown.
If the DLOS bit-field contains a “1”, the XRT73LC00 is
currently declaring a DLOS condition. If the DLOS
bit-field contains a “0”, the device is NOT currently de-
claring the DLOS condition.
Disabling the DLOS Detector
It is useful to disable the DLOS Detector in the
XRT73LC00 for debugging purposes. If the
XRT73LC00 is operating in the HOST Mode, the
DLOS Detector can be disabled by writing a “1” into
the DLOSDIS bit-field in Command Register 2.
NOTE: Setting both the ALOSDIS and DLOSDIS bit-fields
to a “1” disables LOS Declaration in the XRT73LC00.
3.6.3
Muting the Recovered Data while the LOS
is being Declared
In some applications it is not desirable for the
XRT73LC00 E3/DS3/STS-1 LIU to recover data and
route it to the Receiving Terminal while the LIU is de-
claring a LOS condition. The LOS Muting feature, if
enabled, causes the XRT73LC00 to halt transmission
of the recovered data to the Receiving Terminal while
the LOS condition is True. In this case, the RPOS
and RNEG output pins are forced to “0”. Once the
LOS condition has been cleared, the XRT73LC00 re-
sumes the transmission of the recovered data to the
Receiving Terminal. The XRT73LC00 allows en-
abling of the Muting Upon LOS feature by either of
the following means.
If the XRT73LC00 is Operating in the Hardware
Mode:
The Muting Upon LOS feature is enabled by pulling
the LOSMUTEN input pin (pin 19) to VDD.
If the XRT73LC00 is Operating in the HOST Mode:
COMMAND REGISTER CR0 (ADDRESS = 0X00)
D4
D3
D2
D1
D0
RLOL
RLOS
ALOS
DLOS
DMO
Read
Only
Read
Only
Read
Only
Read
Only
Read
Only
COMMAND REGISTER CR2 (ADDRESS = 0X02)
D4
D3
D2
D1
D0
Reserved ENDECDIS ALOSDIS DLOSDIS REQDIS
XX
1X
X
COMMAND REGISTER CR0 (ADDRESS = 0X00)
D4
D3
D2
D1
D0
RLOL
RLOS
ALOS
DLOS
DMO
Read
Only
Read
Only
Read
Only
Read
Only
Read
Only
COMMAND REGISTER CR2 (ADDRESS = 0X02)
D4
D3
D2
D1
D0
Reserved ENDECDIS ALOSDIS DLOSDIS REQDIS
XX
X
1X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com