Electronic Components Datasheet Search
  English  ▼

X  

XRT73LC00 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT73LC00
Description  E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73LC00 Datasheet(HTML) 1 Page - Exar Corporation

  XRT73LC00 Datasheet HTML 1Page - Exar Corporation XRT73LC00 Datasheet HTML 2Page - Exar Corporation XRT73LC00 Datasheet HTML 3Page - Exar Corporation XRT73LC00 Datasheet HTML 4Page - Exar Corporation XRT73LC00 Datasheet HTML 5Page - Exar Corporation XRT73LC00 Datasheet HTML 6Page - Exar Corporation XRT73LC00 Datasheet HTML 7Page - Exar Corporation XRT73LC00 Datasheet HTML 8Page - Exar Corporation XRT73LC00 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • (510) 668-7000 • FAX (510) 668-7017 • www.exar.com
áç
áç
áç
áç
PRELIMINARY
XRT73LC00
E3/DS3/STS-1 LINE INTERFACE UNIT
AUGUST 2002
REV. P1.0.1
GENERAL DESCRIPTION
The XRT73LC00 DS3/E3/STS-1 Line Interface Unit is
a low power CMOS version of the XRT73L00A and
consists of a line transmitter and receiver integrated
on a single chip and is designed for DS3, E3 or SO-
NET STS-1 applications.
XRT73LC00 can be configured to support the E3
(34.368 Mbps), DS3 (44.736 Mbps) or the SONET
STS-1 (51.84 Mbps) rates.
In the transmit direction, the XRT73LC00 encodes in-
put data to either B3ZS (for DS3/STS-1 applications)
or HDB3 (for E3 applications) format and converts the
data into the appropriate pulse shapes for transmis-
sion over coaxial cable via a 1:1 transformer.
In the receive direction the XRT73LC00 performs
equalization on incoming signals, performs Clock Re-
covery, decodes data from either B3ZS or HDB3 for-
mat, converts the receive data into TTL/CMOS for-
mat, checks for LOS or LOL conditions and detects
and declares the occurrence of line code violations.
The XRT73LC00 also contains a 4-Wire Microproces-
sor Serial Interface for accessing the on-chip Com-
mand registers.
FEATURES
• Incorporates an improved Timing Recovery circuit
and is pin and functional compatible to XRT73L00A
• Meets E3/DS3/STS-1 Jitter Tolerance Require-
ments
• Full Loop-Back Capability
• Transmit and Receive Power Down Modes
• Full Redundancy Support
• Contains a 4-Wire Microprocessor Serial Interface
• Uses Minimum External components
• Low Power CMOS Design
• Single +3.3V Power Supply
• 5 V Tolerant pins
• -40°C to +85°C Operating Temperature Range
• Available in a 44 pin TQFP package
APPLICATIONS
• Interfaces to E3, DS3 or SONET STS-1 Networks
• CSU/DSU Equipment
• PCM Test Equipment
• Fiber Optic Terminals
• Multiplexers
FIGURE 1. BLOCK DIAGRAM OF THE XRT73LC00
AG C /
E qualizer
Se ria l
P rocesso r
In te rfa ce
P eak
De te ctor
LO S D e te ctor
S lice r
Clo ck
R e covery
Da ta
R e covery
In ve rt
Loop M U X
HDB 3 /
B3 Z S
D e code r
LO S T H R
SD I
SD O /(L C V )
SC lk
CS
R E G R ESET
RT IP
RRIN G
RE Q D IS
D e vice
M onito r
MT IP
MR IN G
DM O
Tra n sm it
Logic
Du ty Cycle A d ju st
TTIP
TR IN G
Pu lse
S haping
HDB 3 /
B3 Z S
E n coder
E 3
S T S -1 /DS 3
H o s t/(H W )
RL O L E X C L K
IC T
RCL KINV
Tx
C ontro l
DR/S R
RL O S
LLB
RL B
E N D E CDIS
TA O S
TP D A TA
TN D A TA
TC lk
TX LE V
TX O F F
RCL K1
RNE G
RP O S
L C V /(RCL K2)


Similar Part No. - XRT73LC00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV EXAR-XRT73LC00AIV Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results

Similar Description - XRT73LC00

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEF3452 INFINEON-PEF3452 Datasheet
1Mb / 71P
Line Interface Unit for DS3, STS 1 and E3
V 1.3 December 2001
logo
Exar Corporation
XRT73L00A EXAR-XRT73L00A Datasheet
597Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
logo
Maxim Integrated Produc...
DS3150 MAXIM-DS3150 Datasheet
399Kb / 28P
3.3V, DS3/E3/STS-1 Line Interface Unit
REV: 012505
logo
Exar Corporation
XRT7300 EXAR-XRT7300 Datasheet
608Kb / 55P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A Datasheet
410Kb / 53P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73R06 EXAR-XRT73R06 Datasheet
662Kb / 68P
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC00A EXAR-XRT73LC00A_08 Datasheet
394Kb / 63P
E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73LC04A EXAR-XRT73LC04A_08 Datasheet
431Kb / 64P
4 CHANNEL DS3/E3/STS-1 LINE INTERFACE UNIT
XRT75VL00D EXAR-XRT75VL00D_08 Datasheet
842Kb / 92P
E3/DS3/STS-1 LINE INTERFACE UNIT WITH SONET
XRT73LC00AIV-F EXAR-XRT73LC00AIV-F Datasheet
517Kb / 61P
E3/DS3/STS-1 LINE INTERFACE UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com