Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 2Page - Micrel Semiconductor MIC280 Datasheet HTML 3Page - Micrel Semiconductor MIC280 Datasheet HTML 4Page - Micrel Semiconductor MIC280 Datasheet HTML 5Page - Micrel Semiconductor MIC280 Datasheet HTML 6Page - Micrel Semiconductor MIC280 Datasheet HTML 7Page - Micrel Semiconductor MIC280 Datasheet HTML 8Page - Micrel Semiconductor MIC280 Datasheet HTML 9Page - Micrel Semiconductor MIC280 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
MIC280
Micrel
MIC280
6
November 2004
Typical Characteristics
VDD = 3.3V; TA = 25°C, unless otherwise noted.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-55 -35 -15 5 25 45 65 85 105 125
JUNCTION TEMPERATURE (°C)
A ccuracy vs .
T emperature, Internal S ens or
0
20
40
60
80
100
120
140
0 1 2 3 4 5 6 7 8 9 10
TIME (sec)
R es pons e to Immers ion
in 125°C F luid B ath
-20
-15
-10
-5
0
5
CAPACITANCE (pF)
R emote T emperature E rror vs .
C apacitanc e on T 1
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
0
20
40
60
80
100
REMOTE DIODE TEMPERATURE (°C)
R emote T emperature
Meas urement E rror
0
50
100
150
200
250
300
350
400
-55 -35 -15 5 25 45 65 85 105 125
TEMPERATURE (°C)
S upply C urrent vs .
T emperature for V
DD = 3.3V
0
5
10
15
20
25
30
-55 -35 -15 5 25 45 65 85 105 125
TEMPERATURE (°C)
Quies c ent C urrent vs .
T emperature in S hutdown Mode
/INT , T 1 open
C LK = DAT A = HIG H
0
1
2
3
4
5
6
7
8
9
10
2.6
2.8
3.0
3.2
3.4
3.6
SUPPLY VOLTAGE (V)
Quies c ent C urrent vs .
S upply V oltage in S hutdown Mode
/INT , T 1 open
C LK = DAT A = HIG H
0
5
10
15
20
0
100
200
300
400
FREQUENCY (kHz)
Quies cent C urrent vs .
C loc k F requency in
S hutdown Mode
/INT , T 1 open
DAT A = HIG H
-8
-6
-4
-2
0
2
4
6
8
1x10 6
1x10 7
1x10 8
1x10 9
RESISTANCE FROM T1 (Ω)
Meas urement E rror vs .
P C B L eakage to +3.3V /G ND
G ND
3.3V
0
1
2
3
4
5
6
7
Nois e Injected into the B as e of
R emote T rans is tor
FREQUENCY (Hz)
1 10 100 1k 10k 100k 1M 10M100M
3mV
P -P
25mV
P -P
10mV
P -P
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Nois e Injected into the
C ollec tor of R emote T rans is tor
FREQUENCY (Hz)
1 10 100 1k 10k 100k 1M 10M100M
50mV
P -P
25mV
P -P
100mV
P -P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com