Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC280 Datasheet HTML 1Page - Micrel Semiconductor MIC280 Datasheet HTML 2Page - Micrel Semiconductor MIC280 Datasheet HTML 3Page - Micrel Semiconductor MIC280 Datasheet HTML 4Page - Micrel Semiconductor MIC280 Datasheet HTML 5Page - Micrel Semiconductor MIC280 Datasheet HTML 6Page - Micrel Semiconductor MIC280 Datasheet HTML 7Page - Micrel Semiconductor MIC280 Datasheet HTML 8Page - Micrel Semiconductor MIC280 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
November 2004
3
MIC280
MIC280
Micrel
Absolute Maximum Ratings (Note 1)
Power Supply Voltage, VDD.....................................................3.8V
Voltage on T1 ........................................–0.3V to VDD+0.3V
Voltage on CLK, DATA, /INT..............................–0.3V to 6V
Current Into Any Pin ................................................. ±10mA
Power Dissipation, TA = 125°C................................109mW
Storage Temperature................................ –65°C to +150°C
ESD Ratings,
Note 3
Human Body Model ................................................ 1.5kV
Machine Model ........................................................ 200V
Soldering (SOT23-6 Package)
Vapor Phase (60s).....................................220°C +5/-0°C
Infrared (15s) .............................................235°C +5/-0°C
Operating Ratings (Note 2)
Power Supply Voltage, VDD............................ +3V to +3.6V
Ambient Temperature Range (TA) .......... –55°C to +125°C
Junction Temperature................................................ 150°C
Package Thermal Resistance (θJA)
SOT23-6 ............................................................230°C/W
Electrical Characteristics
For typical values TA = 25°C, VDD = 3.3V, unless otherwise noted.
Bold values indicate –55°C ≤ TA ≤ 125°C, 3.0V ≤ VDD ≤ 3.6V, unless otherwise noted. Note 2
Symbol
Parameter
Conditions
Min.
Typ
Max
Units
Power Supply
IDD
Supply Current
/INT, T1 open; CLK=DATA=High;
0.23
0.4
mA
Normal Mode
Shutdown Mode; /INT, T1 open;
Note 5
9
µ
A
CLK=100kHz, DATA=High
Shutdown Mode; /INT, T1 open;
6
[TBD]
µ
A
CLK=DATA=High
tPOR
Power-on Reset Time,
Note 5
VDD > VPOR
200
µ
s
VPOR
Power-on Reset Voltage
All registers reset to default values;
2.65
2.95
V
A/D conversions initiated
VHYST
Power-on Reset Hysteresis Voltage
300
mV
Note 5
Temperature-to-Digital Converter Characteristics
Accuracy, Remote Temperature
60°C ≤ TD ≤ 100°C,
±0.25
±1
°C
Notes 2, 7, 10, 11
3.15V < VDD < 3.45V, 25°C < TA < 85°C
0°C ≤ TD ≤ 100°C,
±1
±2
°C
3.15V < VDD < 3.45V, 25°C < TA < 85°C
–55°C ≤ TD ≤ 125°C,
±2
±4
°C
3.15V < VDD < 3.45V, 25°C < TA < 85°C
Accuracy, Local Temperature
0°C ≤ TA ≤ 100°C, 3.15V < VDD < 3.45V
±1
±2
°C
Note 2, 10
–55°C ≤ TA ≤ 125°C, 3.15V < VDD < 3.45V
±1.5
±2.5
°C
tCONV
Conversion Time, Notes 2, 8
RES[1:0]=00 (9 bits)
200
240
ms
RES[1:0]=01 (10 bits)
330
390
ms
RES[1:0]=10 (11 bits)
570
670
ms
RES[1:0]=11 (12 bits)
1000
1250
ms
Remote Temperature Input, T1
IF
Current into External Diode
T1 forced to 1.0V, High level
192
400
µ
A
Note 5
Low level
7
12
µ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com