Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 8Page - Micrel Semiconductor MIC280 Datasheet HTML 9Page - Micrel Semiconductor MIC280 Datasheet HTML 10Page - Micrel Semiconductor MIC280 Datasheet HTML 11Page - Micrel Semiconductor MIC280 Datasheet HTML 12Page - Micrel Semiconductor MIC280 Datasheet HTML 13Page - Micrel Semiconductor MIC280 Datasheet HTML 14Page - Micrel Semiconductor MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MIC280
Micrel
MIC280
12
November 2004
Configuration Locking
The security register, LOCK, provides the ability to disable
configuration changes as they apply to the MIC280’s most
critical functions: shutdown mode, and reporting diode faults
andover-temperatureevents. LOCKprovidesawaytoprevent
malicious or accidental changes to the MIC280 registers that
might prevent a system from responding properly to critical
events. Once L0, L1, or L2 has been set, the global interrupt
enable bit, IE, will be set and fixed. It cannot subsequently be
cleared. Its state will be reflected in the configuration register.
The bits in LOCK can only be set once. That is, once a bit is
set, it cannot be reset until the MIC280 is power-cycled or a
warm reset is performed by setting RST in the configuration
register. The warm reset function can be disabled by setting
L4 in LOCK. If L4 is set, locked settings cannot be changed
during operation and warm resets cannot be performed; only
a power-cycle will reset the locked state(s).
If L0 is set, the values of IM0 and CRIT0 become fixed and
unchangeable.Thatis,writestoCRIT0andthecorresponding
interrupt enable bit are locked out. A local over-temperature
event will generate an interrupt regardless of the setting of
IE or its interrupt mask bit.
If L1 is set, the values of IM1 and CRIT1 become fixed and
unchangeable. A remote over-temperature event will gener-
ate an interrupt regardless of the setting of IE or its interrupt
mask bit. Similarly, setting L2 will fix the state of IM2, allow-
ing the system to permanently enable or disable diode fault
interrupts. A diode fault will generate an interrupt regardless
of the setting of IE or its interrupt mask bit.
L3 can be used to lock out shutdown mode. If L3 is set, the
MIC280willnotshutdownunderanycircumstances. Attempts
to set the SHDN bit will be ignored and all chip functions will
remainoperational.IfL3issetwhiletheMIC280isinshutdown
mode, it will immediately exit shutdown mode and resume
normal operation. It will not be possible to subsequently re-
enter shutdown mode.
Setting L4 disables the RST bit in the configuration register,
preventing the host from initiating a warm reset. Writes to
RST will be completely ignored if L4 is set.
LOCK BIT
FUNCTION LOCKED
RESPONSE WHEN SET
L0
Local over-temperature detection
IM0 fixed at 1, writes to CRIT0 locked-out; IE permanently set
L1
Remote over-temperature detection
IM1 fixed at 1; writes to CRIT1 locked-out; IE permanently set
L2
Diode fault interrupts locked on or off
IM2 fixed at current state; IE permanently set if IM2=1
L3
Shutdown mode
SHDN fixed at 0; exit shutdown if SHDN=1 when L3 is set
L4
Warm resets
RST bit disabled; cannot initiate Warm resets
Table 7: Lock bit functionality



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com