Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor MIC280 Datasheet HTML 17Page - Micrel Semiconductor MIC280 Datasheet HTML 18Page - Micrel Semiconductor MIC280 Datasheet HTML 19Page - Micrel Semiconductor MIC280 Datasheet HTML 20Page - Micrel Semiconductor MIC280 Datasheet HTML 21Page - Micrel Semiconductor MIC280 Datasheet HTML 22Page - Micrel Semiconductor MIC280 Datasheet HTML 23Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
November 2004
19
MIC280
MIC280
Micrel
Remote Temperature Low Limit Low-Byte Register (TLOW1l)
8-bits, read/write
Remote Temperature Low Limit Low-Byte Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
reserved
reserved
reserved
reserved
Low temperature limit for remote zone, least significant bits.
Reserved - always reads zero.
Bit
Function
Operation
D[7:4]
Low temperature limit for the remote zone, least significant bits.
Read/write
D[3:0]
Reserved
Always reads as zeros.
Power-up default value:
0000 0000b = 00h (0°C)
Read/Write command byte:
0001 0100b = 14h
Each LSB represents one-sixteenth degree centigrade. The values are in a binary format such that 1/16th°C (0.0625°C) is
reported as 0001 0000b. See Temperature Data Format (above) for more details.
Any writes to a temperature limit register will result in the corresponding fault queue being purged and reset.
Remote Over-Temperature Limit Register (CRIT1)
8-bit, read/write
Remote Over-Temperature Limit Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Over-temperature limit for remote zone.
Bit
Function
Operation
D[7:0]
Over-temperature limit for the remote zone.
Read/write
Power-up default value:
0110 0100b = 64h (100°C)
Read/Write command byte:
0001 1001b = 19h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is reported
as 0000 0000b. SeeTemperature Data Format (above) for more details.
Any writes to a temperature limit register will result in the corresponding fault queue being purged and reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com