Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 10Page - Micrel Semiconductor MIC280 Datasheet HTML 11Page - Micrel Semiconductor MIC280 Datasheet HTML 12Page - Micrel Semiconductor MIC280 Datasheet HTML 13Page - Micrel Semiconductor MIC280 Datasheet HTML 14Page - Micrel Semiconductor MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor MIC280 Datasheet HTML 17Page - Micrel Semiconductor MIC280 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MIC280
Micrel
MIC280
14
November 2004
Status Register (STATUS)
8-bits, read-only
Status Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read-only
read-only
read-only
read-only
read-only
read-only
read-only
read-only
S7
S6
S5
S4
S3
S2
S1
S
0
Bit(s)
Function
Operation*
S7
Data ready
1 = data available
0 = ADC busy
S6
Local high temperature event
1 = event occurred, 0 = none
S5
Local low temperature event
1 = event occurred, 0 = none
S4
Remote high temperature event
1 = event occurred, 0 = none
S3
Remote low temperature event
1 = event occurred, 0 = none
S2
Diode fault
1 = fault, 0 = none
S1
Remote over-temperature event
1 = event occurred, 0 = none
S0
Local over-temperature event
1 = event occurred, 0 = none
* All status bits are cleared after any read operation is performed on STATUS.
Power-up default value:
0000 0000b = 00h (no events pending)
Read command byte:
0000 0010b = 02h
The power-up default value is 00h. Following the first conversion, however, any of the status bits may be set depending on
the measured temperature results or the existence of a diode fault.
Configuration Register (CONFIG)
8-bits, read/write
Configuration Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
reserved
reserved
reserved
reserved
reserved
reserved
Interrupt
Shut-down
Fault Queue
Resolution
Reserved
Reset
Enable
(IE)
(SHDN)
(FQ[1:0])
(RES[1:0])
(RST)
Bits(s)
Function
Operation*
IE
Interrupt enable
1 = interrupts enabled,
0 = disabled
SHDN
Selects operating mode: normal/shutdown
1 = shutdown, 0 = normal
FQ[1:0]
Depth of fault queue*
[00]=1, [01]=2, [10]=4, [11]=6
RES[1:0]
A/D converter resolution for external zone - affects conversion rate
[00]=9-bits, [01]=10-bits,
[10]=11-bits, [11]=12-bits
D[1]
Reserved
always write as zero!
RST
Resets all MIC280 functions and restores the power-up default state
write only; 1 = reset, 0 =
normal
operation; disabled by
setting L4
Power-up default value:
1000 0000b = 80h (Not in shutdown mode; Interrupts enabled;
Fault queue depth=1; Resolution = 9 bits)
Read/Write command byte:
0000 0011b = 03h
* Any write to CONFIG will result in the fault queues being purged and reset and any A/D conversion in progress being aborted and the result
discarded. The A/D will begin a new conversion sequence once the write operation is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com