Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 7Page - Micrel Semiconductor MIC280 Datasheet HTML 8Page - Micrel Semiconductor MIC280 Datasheet HTML 9Page - Micrel Semiconductor MIC280 Datasheet HTML 10Page - Micrel Semiconductor MIC280 Datasheet HTML 11Page - Micrel Semiconductor MIC280 Datasheet HTML 12Page - Micrel Semiconductor MIC280 Datasheet HTML 13Page - Micrel Semiconductor MIC280 Datasheet HTML 14Page - Micrel Semiconductor MIC280 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
November 2004
11
MIC280
MIC280
Micrel
using the A.R.A. if the host system does not implement the
A.R.A protocol. Figure 4 and Figure 5 illustrate these two
methods of responding to MIC280 interrupts.
Since temperature-to-digital conversions continue while /INT
isasserted,themeasuredtemperaturecouldchangebetween
the MIC280’s assertion of /INT and the host’s response. It
is good practice for the interrupt service routine to read the
value in TEMPx, to verify that the over-temperature or under-
temperature condition still exists. In addition, more than one
temperature event may have occurred simultaneously or in
rapid succession between the assertion of /INT and servic-
ing of the MIC280 by the host. The interrupt service routine
should allow for this eventuality. At the end of the interrupt
service routine, the interrupt enable bits should be reset to
permit future interrupts.
Reading the Result Registers
All MIC280 registers are eight bits wide and may be accessed
using the standard Read_Byte protocol. The temperature
result for the local zone, zone 0, is a single 8-bit value in
register TEMP0. A single Read_Byte operation by the host
is sufficient for retrieving this value. The temperature result
for the remote zone is a twelve-bit value split across two
eight-bit registers, TEMP1h and TEMP1l. A series of two
Read_Byte operations are needed to obtain the entire twelve-
bit temperature result for zone 1. It is possible under certain
conditions that the temperature result for zone 1 could be
updated between the time TEMP1l or TEMP1h is read and
the companion register is read. In order to insure coherency,
TEMP1h supports the use of the Read_Word protocol for ac-
cessing both TEMP1h and TEMP1l with a single operation.
This insures that the values in both result registers are from
the same ADC cycle. This is illustrated in Figure 3 above.
Read_Word operations are only supported for TEMP1h:
TEMP1l, i.e., only for command byte values of 01h.
Polling
The MIC280 may either be polled by the host, or request
the host’s attention via the /INT pin. In the case of polled
operation, the host periodically reads the contents of STA-
TUS to check the state of the status bits. The act of reading
STATUS clears it. If more than one event that sets a given
status bit occurs before the host polls STATUS, only the fact
that at least one such event has occurred will be apparent
to the host. For polled systems, the global interrupt enable
bit should be clear (IE = 0). This will disable interrupts from
the MIC280 (prevents the /INT pin from sinking current).
For interrupt-driven systems, IE must be set to enable the
/INT output.
Shutdown Mode
Puttingthedeviceintoshutdownmodebysettingtheshutdown
bit in the configuration register will unconditionally deassert
/INT, clear STATUS, and purge the fault queues. Therefore,
this should not be done before completing the appropriate
interrupt service routine(s). No other registers will be affected
by entering shutdown mode. The last temperature readings
will persist in the TEMPx registers.
The MIC280 can be prevented from entering shutdown
mode using the shutdown lockout bit in the lock register. If
L3 in LOCK is set while the MIC280 is in shutdown mode,
it will immediately exit shutdown mode and resume normal
operation. It will not be possible to subsequently re-enter
shutdown mode. If the reset bit is set while the MIC280 is
shut down, normal operation resumes from the reset state.
(see below)
Warm Resets
The MIC280 can be reset to its power-on default state during
operation by setting the RST bit in the configuration register.
When this bit is set, /INT will be deasserted, the fault queues
willbepurged,thelimitregisterswillberestoredtotheirnormal
power-on default values, and anyA/D conversion in progress
will be halted and the results discarded. This includes reset-
ting bits L3 - L0 in the security register, LOCK. The state of
the MIC280 following this operation is indistinguishable from
a power-on reset. If the reset bit is set while the MIC280 is
shut down, the shutdown bit is cleared and normal operation
resumes from the reset state.
If bit 4 of LOCK, the Warm Reset Lockout Bit, is set, warm
resets cannot be initiated, and writes to the RST bit will be
completely ignored. Setting L4 while the MIC280 is shut
down will result in the device exiting shutdown mode and
resuming normal operation, just as if the shutdown bit had
been cleared.
EVENT
CONDITION
MIC280 RESPONSE*
Data ready
A/D conversions complete for both zones; result
Set S7, clear IM7, assert /INT
registers updated; state of /INT updated
Over-temperature, remote
([TEMP1h:TEMP1l]) > CRIT1
Set S1, assert /INT
Over-temperature, local
TEMP0 > CRIT0
Set S0, assert /INT
High temperature, remote
([TEMP1h:TEMP1l]) > THIGH1h:THIGH1l]**
Set S4, clear IM4, assert /INT
High temperature, local
TEMP0 > THIGH0**
Set S6, clear IM6, assert /INT
Low temperature, remote
( [TEMP1h:TEMP1l]) < TLOW1h:TLOW1l]**
Set S3, clear IM3, assert /INT
Low temperature, local
TEMP0 < TLOW0**
Set S5, clear IM5, assert /INT
Diode fault
T1 open or T1 shorted to VDD or GND
Set S2, clear IM2, assert /INT
* Assumes interrupts enabled. **CONDITION must be true for Fault_Queue conversions to be recognized.
Table 6: MIC280 Temperature Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com