Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 13Page - Micrel Semiconductor MIC280 Datasheet HTML 14Page - Micrel Semiconductor MIC280 Datasheet HTML 15Page - Micrel Semiconductor MIC280 Datasheet HTML 16Page - Micrel Semiconductor MIC280 Datasheet HTML 17Page - Micrel Semiconductor MIC280 Datasheet HTML 18Page - Micrel Semiconductor MIC280 Datasheet HTML 19Page - Micrel Semiconductor MIC280 Datasheet HTML 20Page - Micrel Semiconductor MIC280 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
November 2004
17
MIC280
MIC280
Micrel
Remote Temperature Low Limit High-Byte Register (TLOW1h)
8-bits, read/write
Remote Temperature Low Limit High-Byte Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
read/write
read/write
read/write
read/write
read/write
read/write
read/write
read/write
Low temperature limit for remote zone, most significant byte.
Bit
Function
Operation
D[7:0]
Low temperature limit for the remote zone, most significant byte.
Read/write
Power-up default value:
0000 0000b = 00h (0°C)
Read/Write command byte:
0000 1000b = 08h
Each LSB represents one degree centigrade. The values are in a two’s complement binary format such that 0°C is reported
as 0000 0000b. See Temperature Data Format (above) for more details.
Any writes to a temperature limit register will result in the corresponding fault queue being purged and reset.
Security Register (LOCK)
8-bits, write once
Security Register
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
reserved
reserved
reserved
read/
read/
read/
read/
read/
write-once
write-once
write-once
write-once
write-once
Reserved
L4
L3
L2
L1
L0
Bit
Function
Operation*
D[7:5]
Reserved
Always write as zero
L4
Warm reset lockout bit
1 = RST bit disabled;
0 = unlocked
L3
Shutdown mode lockout bit*
1= shutdown disabled;
0 = unlocked
L2
Diode fault event lock bit
1 = locked, 0 = unlocked
L1
Remote over-temperature event lock bit
1 = locked, 0 = unlocked
L0
Local over-temperature event lock bit
1 = locked, 0 = unlocked
Power-up default value:
0000 0000b = 00h (All events unlocked)
Read/Write command byte:
0000 1001b = 09h
* If the chip is shutdown when L3 is set, the chip will exit shutdown mode and resume normal operation. It will not be possible to subsequently
re-enter shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com