Electronic Components Datasheet Search
  English  ▼

X  

MIC280 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC280
Description  Precision IttyBitty Thermal Supervisor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC280 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC280 Datasheet HTML 3Page - Micrel Semiconductor MIC280 Datasheet HTML 4Page - Micrel Semiconductor MIC280 Datasheet HTML 5Page - Micrel Semiconductor MIC280 Datasheet HTML 6Page - Micrel Semiconductor MIC280 Datasheet HTML 7Page - Micrel Semiconductor MIC280 Datasheet HTML 8Page - Micrel Semiconductor MIC280 Datasheet HTML 9Page - Micrel Semiconductor MIC280 Datasheet HTML 10Page - Micrel Semiconductor MIC280 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
November 2004
7
MIC280
MIC280
Micrel
Functional Description
Serial Port Operation
The MIC280 uses standard SMBus Write_Byte, Read_Byte,
and Read_Word operations for communication with its host.
The SMBus Write_Byte operation involves sending the
device’s slave address (with the R/W bit low to signal a write
operation), followed by a command byte and the data byte.
The SMBus Read_Byte operation is a composite write and
read operation: the host first sends the device’s slave address
followed by the command byte, as in a write operation. A
new start bit must then be sent to the MIC280, followed by a
repeat of the slave address with the R/W bit (LSB) set to the
high (read) state. The data to be read from the part may then
be clocked out. A Read_Word is similar, but two successive
data bytes are clocked out rather than one. These protocols
are shown in Figure 1, Figure 2, and Figure 3.
The Command byte is eight bits (one byte) wide. This byte
carries the address of the MIC280 register to be operated
upon. The command byte values corresponding to the vari-
ous MIC280 registers are shown in Table 1. Other command
byte values are reserved, and should not be used.
Slave Address
The MIC280 will only respond to its own unique slave ad-
dress. A match between the MIC280’s address and the
address specified in the serial bit stream must be made to
initiate communication. The MIC280’s slave address is fixed
at the time of manufacture. Eight different slave addresses
are available as determined by the part number. See Table
2 below and the Ordering Information table above.
Part Number
Slave Address
MIC280-0BM6
100 1000b = 48h
MIC280-1BM6
100 1001b = 49h
MIC280-2BM6
100 1010b = 4Ah
MIC280-3BM6
100 1011b = 4Bh
MIC280-4BM6
100 1100b = 4Ch
MIC280-5BM6
100 1101b = 4Dh
MIC280-6BM6
100 1110b = 4Eh
MIC280-7BM6
100 1111b = 4Fh
Table 2: MIC280 Slave Addresses
Alert Response Address
In addition to the Read_Byte, Write_Byte, and Read_Word
protocols, the MIC280 adheres to the SMBus protocol for
response to theAlert ResponseAddress (ARA). The MIC280
expects to be interrogated using the ARA when it has as-
serted its /INT output.
Temperature Data Format
The least-significant bit of each temperature register (high
bytes) represents one degree Centigrade. The values are in
a two’s complement format, wherein the most significant bit
Command Byte
Power-on
Target Register
Value
Default
Label
Description
Read
Write
TEMP0
Local temperature result
00h
n/a
00h (0°C)
TEMP1h
Remote temperature result, high byte
01h
n/a
00h (0°C)
STATUS
Status
02h
n/a
00h
CONFIG
Configuration
03h
03h
80h
IMASK
Interrupt mask register
04h
04h
07h
THIGH0
Local temperature high limit
05h
05h
3Ch (60°C)
TLOW0
Local temperature low limit
06h
06h
00h (0°C)
THIGH1h
Remote temperature high limit, high byte
07h
07h
50h (80°C)
TLOW1h
Remote temperature low limit, high byte
08h
08h
00h (0°C)
LOCK
Security register
09h
09h
00h
TEMP1l
Remote temperature result, low byte
10h
n/a
00h
THIGH1l
Remote temperature high limit, low byte
13h
13h
00h
TLOW1l
Remote temperature low limit, low byte
14h
14h
00h
CRIT1
Remote over-temperature limit
19h
19h
64h (100°C)
CRIT0
Local over-temperature limit
20h
20h
46h (70°C)
MFG_ID
Manufacturer Identification
FEh
n/a
2Ah
DEV_ID
Device and revision identification
FFh
n/a
0xh*
* The lower nibble contains the die revision level, e.g., Rev 0 = 00h.
Table 1: MIC280 Register Addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com