Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 39 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 39 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 35Page - Dialog Semiconductor DA6102 Datasheet HTML 36Page - Dialog Semiconductor DA6102 Datasheet HTML 37Page - Dialog Semiconductor DA6102 Datasheet HTML 38Page - Dialog Semiconductor DA6102 Datasheet HTML 39Page - Dialog Semiconductor DA6102 Datasheet HTML 40Page - Dialog Semiconductor DA6102 Datasheet HTML 41Page - Dialog Semiconductor DA6102 Datasheet HTML 42Page - Dialog Semiconductor DA6102 Datasheet HTML 43Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
39 of 82
© 2017 Dialog Semiconductor
9.9
Inductors, Output Capacitors, and Input Capacitors
Inductor Selection
More than any other component, selecting an inductor requires a balancing of trade-offs between
efficiency and solution size. However, there are two criteria which must be met for proper converter
operation. First, the inductor for each channel is first selected based on ripple current. A typical
guideline is to design for a peak to peak ripple current equal to 30 % to 50 % of nominal load current.
Iload
fsw
Vin
Vo
Vo
Vin
L
MIN
50
.
0
Lower inductor values will result in higher ripple content and lower efficiency, with the benefit of
requiring less board area. Once the inductor value is selected, confirm that the worst-case peak
inductor current is below the current limit threshold. Also consider that the Channel 3 inductor
selection will affect its compensation settings and overall loop stability.
The second criterion for inductor selection is current rating. The inductor must have an rms (or
average) current rating higher than the maximum load capability of the channel. More importantly,
the saturation current rating must be greater than the maximum peak current. Use the equation given
earlier for ILpeak to determine the maximum peak current requirement, using maximum load and
maximum input voltage.
Another important selection factor is the DCR of an inductor. DCR typically accounts for a large
percentage of power losses and should be considered carefully. Higher inductance values will
typically have a larger DCR for a given package size.
Output Capacitor Selection
The output capacitor filters the output ripple and provides the instantaneous current during load
transients. Larger capacitance values reduce output ripple and improve load response. The DA6102
is designed to work well with a very wide range of capacitance as indicated in Table 11. Within the
range shown, the required capacitance is determined by the transient and PCB area requirements.
At higher switching frequencies, less capacitance is required to achieve the same performance.
Since the minimum value for each channel is based on loop stability requirements, it is not
recommended to reduce the output capacitance below this value. As mentioned previously, the
Channel 3 output capacitor in combination with the inductor must be within range of the
compensation register FZ23_EFET (0x21).
Input Capacitor Selection
In a buck switching regulator, input current is pulsed via the high side FET with a high slew rate. This
current is the primary source of noise and radiated EMI in a buck switching regulator. Therefore, the
input capacitor is critical to providing a low impedance path for this current. Low ESR ceramic
capacitors must be used, with minimum recommended values given in Table 11. The input capacitor
for each channel must be placed as close as possible between the VINx and PGx pins, preferably
connected without vias. It is also good practice to use multiple values of capacitor, rather than one
large capacitor.
In addition to the input capacitors on each channel, at least one bypass capacitor of at least 10 µF
must also be placed at VBATT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com