Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 77 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 77 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 73Page - Dialog Semiconductor DA6102 Datasheet HTML 74Page - Dialog Semiconductor DA6102 Datasheet HTML 75Page - Dialog Semiconductor DA6102 Datasheet HTML 76Page - Dialog Semiconductor DA6102 Datasheet HTML 77Page - Dialog Semiconductor DA6102 Datasheet HTML 78Page - Dialog Semiconductor DA6102 Datasheet HTML 79Page - Dialog Semiconductor DA6102 Datasheet HTML 80Page - Dialog Semiconductor DA6102 Datasheet HTML 81Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
77 of 82
© 2017 Dialog Semiconductor
Table 14 : Channel 1, 2, and 4 Optional Compensation Settings
EA_CC
EA_HFGAIN
Comp. Zero (Hz)
HF Comp. Gain (dB)
00
00
698
20
01
00
1395
20
10
00
2790
20
11
00
5581
20
00
01
349
26
01
01
698
26
10
01
1395
26
11
01
2790
26
00
10
174
32
01
10
349
32
10
10
698
32
11
10
1395
32
00
11
87
38
01
11
174
38
10
11
349
38
11
11
698
38
Voltage Mode, Channel 3
Compensating Channel 3 follows a similar process to the current mode channels, with the addition of
the previously described register setting, CMP_VO3 (0x21). The Channel 3 optional compensation
registers are found at CMP3 (0x33). The goal for Channel 3 compensation is to set two
compensation zeroes around or just below the LC pole frequency. To accomplish this, first calculate
the LC pole frequency highlighted in the mod curve of Figure 44. Next, in Table 15 find the closest
Zero1 frequency equal or less than the LC pole frequency and set the EA_CC3 and EA_HFGAIN3
bits accordingly. In most cases there are several settings which result in the same Zero1 frequency.
Use the setting with the lowest gain initially as this will be the most stable (and lowest bandwidth).
Next set the Zero2 frequency with CMP_VO3 in Table 15 that most closely matches or is just below
the LC pole frequency.
The SLP_VO3 register at 0x20 controls the PWM ramp for Channel3, which determines the
modulator gain. In the rare case where the loop cannot be stabilized as described above, the overall
gain can be reduced by setting SLP_VO3 to 01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com