Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 69Page - Dialog Semiconductor DA6102 Datasheet HTML 70Page - Dialog Semiconductor DA6102 Datasheet HTML 71Page - Dialog Semiconductor DA6102 Datasheet HTML 72Page - Dialog Semiconductor DA6102 Datasheet HTML 73Page - Dialog Semiconductor DA6102 Datasheet HTML 74Page - Dialog Semiconductor DA6102 Datasheet HTML 75Page - Dialog Semiconductor DA6102 Datasheet HTML 76Page - Dialog Semiconductor DA6102 Datasheet HTML 77Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
73 of 82
© 2017 Dialog Semiconductor
Bit
Mode
Symbol
Description
OTP-80
D[1:0]
R/W
SLP_VO1 [1:0]
CH1 slope compensation
00: 2.2 µH range
01: 1.0 µH range
10: 4.7 µH range
11: 3.3 µH range
00
Register Table 34: Channel3 Zero Frequency (FZ23_EFET <0x21>)
Bit
Mode
Symbol
Description
OTP-80
D[6:5]
R/W
CMP_VO3 [1:0]
CH3 output filter compensation:
00: 3 kHz < LC pole < 8 kHz
01: 7 kHz < LC pole < 12 kHz
10: 11 kHz < LC pole < 18 kHz
11: 17 kHz < LC pole < 30 kHz
10
D4
R/W
EXTFET
CH3 external FET current limit:
0: Typical 200 mV ILIM threshold
1: Typical 100 mV ILIM threshold
0
Note 1
LC pole frequency =
Co
L 
2
1
Register Table 35: Control (CTL <0x22>)
Bit
Mode
Symbol
Description
OTP-80
D6
R/W
LDSW1F
LDSW1 force ON
0: Current limit enabled
1: Force ON, current limit disabled
0
D[5:4]
R/W
LDO3V [1:0]
LDO2 output voltage:
00: 3.12 V
01: 3.17 V
10: 3.22 V
11: 3.27 V
00
(3.12 V)
D3
R/W
PGCME
Power Good pin output type:
0: Open drain
1: CMOS
0
D2
R/W
PSM4
CH4 Pulse skipping mode enable
0: Not enabled (fixed max duty operation)
1: Enabled (Extended max duty operation)
1
D1
R/W
PSM3
CH3 Pulse skipping mode enable
0: Not enabled (fixed max duty operation)
1: Enabled (Extended max duty operation)
1
D0
R/W
PSM2
CH2 Pulse skipping mode enable
0: Not enabled (fixed max duty operation)
1: Enabled (Extended max duty operation)
1
Note 1
With LDSW1F set high, LDSW1 is controlled only by the EN1 register, and can be enabled with the
EN pin low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com