Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 37 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 37 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 33Page - Dialog Semiconductor DA6102 Datasheet HTML 34Page - Dialog Semiconductor DA6102 Datasheet HTML 35Page - Dialog Semiconductor DA6102 Datasheet HTML 36Page - Dialog Semiconductor DA6102 Datasheet HTML 37Page - Dialog Semiconductor DA6102 Datasheet HTML 38Page - Dialog Semiconductor DA6102 Datasheet HTML 39Page - Dialog Semiconductor DA6102 Datasheet HTML 40Page - Dialog Semiconductor DA6102 Datasheet HTML 41Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
37 of 82
© 2017 Dialog Semiconductor
9.6
Channel 1, BuckBoost Regulator
Channel 1 is a 4-switch BuckBoost. This channel consists of two buck switches connected between
VIN1, LXD1, and GND; and two boost switches connected between VO1, LXU1, and GND. For most
of the input voltage range, where the battery voltage is greater than VO1, channel 1 will operate in
buck mode. In buck mode, the high side boost switch is turned on at 100% duty, which is the most
efficient mode of operation.
As the input voltage approaches VO1 and the high side buck duty increases to 80%, the boost stage
turns on. When in BuckBoost mode, the buck switch operates at a nearly constant duty cycle, while
the boost duty varies with input voltage. The BuckBoost turn-on threshold can be estimated as
shown:
%
80
Vout
Vin
BOOST
And once in BuckBoost mode (assuming 80% buck duty) the boost duty can be calculated as:
Vout
Vin
D
BOOST
%
80
1
Once the boost begins switching, Channel 1 can maintain regulation with input voltages as low as
2.9 V. In BuckBoost mode, all four switches are switching with the boost stage operating at
increasing duty cycle as input voltage decreases. Channel 1 does not have a boost-only mode.
The buck to BuckBoost transition point can be adjusted if necessary via the BB_OPT register (0x31).
A lower duty threshold will degrade efficiency as there will be more time spent in the 4-switch
BuckBoost region. However, a lower threshold may improve the performance when transitioning
between modes. The default setting of 80 % is recommended for nearly all applications. In some
cases such as high switching frequency, the buck may hit maximum duty cycle before the BuckBoost
transition occurs. As the input voltage drops lower than this point, Channel1 will drop out of
regulation before the boost stage begins switching. To prevent this, either reduce the transition
threshold, or enable the pulse skipping function which essentially increases the maximum duty cycle
capability.
Channel 1 maximum load current is rated to 700 mA, which includes the current required to support
the LDO1 output, LDSW1, and VDR rail. The maximum expected load from the VO1 pin is expected
to be less than 500 mA. Because Channel 1 supports additional internal loads, the current limit
threshold is set accordingly.
Although Channel 1 is capable of regulating from very low input voltage, load current capability may
be limited as input voltage drops. The maximum peak inductor current occurs in BuckBoost mode
and can be approximated as shown below.
L
fsw
D
Vin
D
Iout
IL
BOOST
BOOST
CH
PEAK
2
1
1
_
Highest peak and average inductor current occurs at the minimum input voltage.
Channel 1 can also be configured to operate as a buck-only regulator. This function is enabled in the
BB_OPT register (0x31). To configure Channel 1 as a buck-only switching regulator, disconnect L1
from the LXU1 pin and connect it directly to the output cap and FB pin. The VO1 and LXU1 pins
should be connected to ground to minimize leakage current. In buck only mode, the pulse skipping
function remains available and operates the same as the other switching channels.
9.7
Channels 2 and 4, Buck Regulators
Channels 2 and 4 are integrated synchronous buck switching regulators with nearly identical control
and features. Channel 2 has a maximum load current capability of 2.2 A with an output voltage range
of 3.0 V to 4.55 V. Due to the low on-time required at high input voltage, Channel 2 should be
operated at a maximum switching frequency of 2 MHz. If the on-time reaches minimum, Channel 2
will be unregulated at higher input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com