Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 2 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 2 Page - Dialog Semiconductor

  DA6102 Datasheet HTML 1Page - Dialog Semiconductor DA6102 Datasheet HTML 2Page - Dialog Semiconductor DA6102 Datasheet HTML 3Page - Dialog Semiconductor DA6102 Datasheet HTML 4Page - Dialog Semiconductor DA6102 Datasheet HTML 5Page - Dialog Semiconductor DA6102 Datasheet HTML 6Page - Dialog Semiconductor DA6102 Datasheet HTML 7Page - Dialog Semiconductor DA6102 Datasheet HTML 8Page - Dialog Semiconductor DA6102 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
2 of 82
© 2017 Dialog Semiconductor
System Diagram
CS_1
DA6102
LDO1:
5.0V / 300mA
4.5V
– 11.5V
V_BATT
+
VIN1
VIN2
CH2:
3.3V / 2.2A
CH2
BUCK
PVDD
BST2
LX2
VDR
PG2
FB2
OSC_2
CH3:
3.3V / 4.0A
LOAD SWITCH 2
CH3
VLDO1
OSC_4
VIN4
CH4:
4.0V /
0.6A
CH4
BUCK
PVDD
BST4
LX4
VDR
PG4
FB4
VREF
GND
VBATT
LDO2:
3.12V / 200mA
LDO2
VLDO2
VO_1
EN
VIN3
CH3
BUCK
CONTROLLER
GH3
VDR
PG3
GL3
LXS3
PVDD
FB3
VREF
VDR
OSC_3
OSC 1-4
OSC
+
-
ISNS
CSG1
CSH1
CSL1
EXCLK
PVDD
EXEN1
EXS1
+
-
EX1_PGD
<EXLV1>
ex1_en
EX
LDO1
EXEN2
EXS2
+
-
EX2_PGD
<EXLV2>
ex2_en
EX
LDO2
BST3
LDSW2
OSC_1
CH1
BUCK-BOOST
CH1:
5.3V / 700mA
VO1
LXU1
LXD1
BST1
VDR
FB1
PG1
VDR
VDR
CSA1
CSD1
LDSW1:
200mA
LDSW1
CSA_1
CSD_1
CSD_2/3
CSD23
I2C
COMM
OTP
MEMORY
DIGITAL
CORE
REGISTER
SPACE
SEQUENCING
MONITORING
SOFTSTART
VDDIO
SCL
SDA
CH_EN
VDDIO
CPU
PGOOD
PGOOD
VCORE
VREF
VBATT
LOAD SWITCH 1
CSG2
CSH2
CSL2
CS2
+
-
ISNS
CSG3
CSH3
CSL3
CS3
+
-
ISNS
BG
VREF
UVLO
LDO1
LDO1-L
LDO1-H
SHORT
OVP
LDO1 UV
TSD
FAULT
bst3
Figure 1: System Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com