Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 29Page - Dialog Semiconductor DA6102 Datasheet HTML 30Page - Dialog Semiconductor DA6102 Datasheet HTML 31Page - Dialog Semiconductor DA6102 Datasheet HTML 32Page - Dialog Semiconductor DA6102 Datasheet HTML 33Page - Dialog Semiconductor DA6102 Datasheet HTML 34Page - Dialog Semiconductor DA6102 Datasheet HTML 35Page - Dialog Semiconductor DA6102 Datasheet HTML 36Page - Dialog Semiconductor DA6102 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
33 of 82
© 2017 Dialog Semiconductor
CHn+1
Internal Clock
12MHz
POR
EXCLK
FREQ
<0x12>
CLKS
<0x13>
Clock Detector
1.5MHz
– 3MHz
DIGITAL
CORE
EXCLK
<CLKS[D0]>
freq. select
clock divide
CHn PWM
CHn
1.0MHz
1.5MHz
2.0MHz
3.0MHz
exclk/1
exclk/2
clk select
CHn PWM
1.0MHz
1.5MHz
2.0MHz
3.0MHz
exclk/1
exclk/2
Figure 32: Frequency Selection and Distribution
BST, VDR, and Pulse Skipping
For the highest efficiency, all of the switching channels in the DA6102 use NFETs, except for the
Channel 1 high side boost switch. NFETs require a drive voltage higher than the LX voltage, which is
generated by the bootstrap capacitor at the BST pins. When the low side switch is on, the LX pin is at
GND and the bootstrap capacitor is charged to approximately 5 V from VDR through an internal
switch. When the high side turns on, the LX voltage increases to VIN and the voltage at BST follows,
remaining 5 V above LX. For each switching channel in the DA6102, the BST voltage is the drive
voltage for the high side NFET. A 100 nF capacitor at BST is sufficient to provide gate drive under all
conditions. However, some time is required to continuously replenish the bootstrap charge. This time
is imposed as the minimum high side off-time of 83 ns (on all channels). The minimum off-time
defines the maximum duty cycle capability for a given frequency as shown below.
ns
fsw
D
MAX
83
1
VDR supplies the gate drive voltage rail for all switching channels. The VDR pin must be externally
connected to LDO1. The VDR voltage charges the BST capacitor for the high side drive and also
drives the low side. Due to the fast switching currents required, VDR must be bypassed with a
minimum of 10 µF ceramic capacitor placed close to the pin. When the Channel 1 BuckBoost is
enabled, LDO1 and therefore VDR have a high enough input voltage for sufficient gate driving even
when the battery voltage drops below 4 V. This is also the highest efficiency configuration. However,
should the battery voltage drop below 4 V without Channel 1 enabled, the gate drive may not be
sufficient, in which case a VD5 fault will occur.
The maximum duty cycle defines the point at which the input voltage is too low for the output voltage
to be regulated. If the input voltage continues to drop, the duty cycle will remain fixed at maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com