Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 4Page - Dialog Semiconductor DA6102 Datasheet HTML 5Page - Dialog Semiconductor DA6102 Datasheet HTML 6Page - Dialog Semiconductor DA6102 Datasheet HTML 7Page - Dialog Semiconductor DA6102 Datasheet HTML 8Page - Dialog Semiconductor DA6102 Datasheet HTML 9Page - Dialog Semiconductor DA6102 Datasheet HTML 10Page - Dialog Semiconductor DA6102 Datasheet HTML 11Page - Dialog Semiconductor DA6102 Datasheet HTML 12Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
8 of 82
© 2017 Dialog Semiconductor
Pin No.
Pin Name
Type
(Table 2)
Description
CHANNEL 3
E7
VIN3
AI
Channel 3, power supply input
F7
BST3
AI
Channel 3 bootstrap connection, connect a 100 nF capacitor
from this pin to LXS3
D7
GH3
AO
Channel 3, high side gate drive
C6
LXS3
AI
Channel 3, switch node sense connection
C7
GL3
AO
Channel 3, low side gate drive
E6
FB3
AI
Channel 3, output voltage feedback
B7
PG3
GND
Global power ground, connect to GND plane
CHANNEL 4
C1
VIN4
PS
Channel 4, power supply input
D1
BST4
AI
Channel 4 bootstrap connection, connect a 100 nF capacitor
from this pin to LX4
B1
LX4
AO
Channel 4, switch node
C2
FB4
AI
Channel 4, output voltage feedback
A1
PG4
GND
Channel 4 power ground
CURRENT SENSE 1
G4
CSG1
AO
Current Sense 1, circuit breaker gate drive
G5
CSH1
AI
Current Sense 1, high side sense
G6
CSL1
AI
Current Sense 1, low side sense
E5
CSA1
AO
Current Sense 1 analog output voltage
F4
CSD1
DO
Current Sense 1, current limit flag
CURRENT SENSE 2 and 3
D5
CSG2
AO
Current Sense 2, gate drive output
C5
CSH2
AI
Current Sense 2, high side sense
C4
CSL2
AI
Current Sense 2, low side sense
D6
CSG3
AO
Current Sense 3, gate drive output
F5
CSH3
AI
Current Sense 3, high side sense
F6
CSL3
AI
Current Sense 3, low side sense
C3
CSD23
DO
Current Sense 2 and 3, open drain current limit flag
EXTERNAL LDOs
B2
EXEN1
DO
External LDO1 enable output
A2
EXS1
AI
External LDO1 voltage sense input
A3
EXEN2
DO
External LDO2 enable output
B4
EXS2
AI
External LDO2 voltage sense input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com