Electronic Components Datasheet Search
  English  ▼

X  

DA6102 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA6102
Description  6-Channel High Efficiency PMIC for 2-Cell Systems
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA6102 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA6102 Datasheet HTML 56Page - Dialog Semiconductor DA6102 Datasheet HTML 57Page - Dialog Semiconductor DA6102 Datasheet HTML 58Page - Dialog Semiconductor DA6102 Datasheet HTML 59Page - Dialog Semiconductor DA6102 Datasheet HTML 60Page - Dialog Semiconductor DA6102 Datasheet HTML 61Page - Dialog Semiconductor DA6102 Datasheet HTML 62Page - Dialog Semiconductor DA6102 Datasheet HTML 63Page - Dialog Semiconductor DA6102 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
DA6102
6-Channel High Efficiency PMIC for 2-Cell Systems
Datasheet
Revision 2.1
28-Apr-2017
60 of 82
© 2017 Dialog Semiconductor
Register Table 13: Dynamic Voltage Scaling Channel2 (DVS2 <0x0C>)
Bit
Mode
Symbol
Description
OTP-80
D[4:0]
R/W
DVS2 [4:0]
CH2 Output Voltage Setting (V):
00000
3.00
00001
3.05
00010
3.10
00011
3.15
00100
3.20
00101
3.25
00110
3.30
00111
3.35
01000
3.40
01001
3.45
01010
3.50
<01011
– 10100> 50mV steps
10101
4.05
10110
4.10
10111
4.15
11000
4.20
11001
4.25
11010
4.30
11011
4.35
11100
4.40
11101
4.45
11110
4.50
11111
4.55
00110
(3.30 V)
Register Table 14: Dynamic Voltage Scaling Channel3 (DVS3 <0x0D>)
Bit
Mode
Symbol
Description
OTP-80
D[3:0]
R/W
DVS3 [3:0]
CH3 Output Voltage Setting (V):
0000
3.00
0001
3.05
0010
3.10
0011
3.15
0100
3.20
0101
3.25
0110
3.30
0111
3.35
1000
3.40
1001
3.45
1010
3.50
1011
3.55
1100
3.60
1101
3.65
1110
3.70
1111
3.75
0110
(3.30 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com