Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 2Page - STMicroelectronics BLUENRG-2 Datasheet HTML 3Page - STMicroelectronics BLUENRG-2 Datasheet HTML 4Page - STMicroelectronics BLUENRG-2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 190 page
background image
List of tables
BlueNRG-2
6/190
DocID030675 Rev 2
Table 37: ADC - OFFSET register description: address offset ADC_BASE_ADDR+0x18 ......................38
Table 38: ADC - SR_REG register description: address offset ADC_BASE_ADDR+0x20 .....................38
Table 39: ADC - THRESHOLD_HI register description: address offset ADC_BASE_ADDR+0x24 ........39
Table 40: ADC - THRESHOLD_LO register description: address offset ADC_BASE_ADDR+0x28 .......39
Table 41: Programmable data width and endian behavior (when bits PINC = MINC = 1) .......................41
Table 42: DMA interrupt requests .............................................................................................................45
Table 43: DMA registers ...........................................................................................................................46
Table 44: DMA - ISR register description: address offset DMA_BASE_ADDR+0x00 .............................46
Table 45: DMA - IFCR register description: address offset DMA_BASE_ADDR+0x04 ...........................50
Table 46: DMA_CHx registers ..................................................................................................................54
Table 47: DMA_CHx - CCR register description: address offset DMA_CHX_BASE_ADDR+0x00 .........54
Table 48: DMA_CHx - CNDTR register description: address offset DMA_CHX_BASE_ADDR+0x04 ....55
Table 49: DMA_CHx - CPAR register description: address offset DMA_CHX_BASE_ADDR+0x08.......55
Table 50: DMA_CHx - CMAR register description: address offset DMA_CHX_BASE_ADDR+0x0C .....56
Table 51: SPI pin assignments .................................................................................................................56
Table 52: SPI clock phase and clock polarity ...........................................................................................57
Table 53: SPI_OUT endianness ...............................................................................................................58
Table 54: SPI_IN endianness ...................................................................................................................58
Table 55: SPI registers .............................................................................................................................61
Table 56: SPI - CR0 register description: address offset SPI_BASE_ADDR+0x00.................................62
Table 57: SPI - CR1 register description: address offset SPI_BASE_ADDR+0x04.................................63
Table 58: SPI - DR register description: address offset SPI_BASE_ADDR+0x08...................................65
Table 59: SPI - SR register description: address offset SPI_BASE_ADDR+0x0C ..................................65
Table 60: SPI - CPSR register description: address offset SPI_BASE_ADDR+0x10 ..............................65
Table 61: SPI - IMSC register description. Address offset SPI_BASE_ADDR+0x14. .............................65
Table 62: SPI - RIS register description: address offset SPI_BASE_ADDR+0x18 ..................................66
Table 63: SPI - MIS register description: address offset SPI_BASE_ADDR+0x1C .................................66
Table 64: SPI - ICR register description: address offset SPI_BASE_ADDR+0x20..................................67
Table 65: SPI - DMACR register description: address offset SPI_BASE_ADDR+0x24...........................67
Table 66: SPI
– RXFRM register description: address offset SPI_BASE_ADDR+0x28 ..........................67
Table 67: SPI
– CHN register description: address offset SPI_BASE_ADDR+0x2C...............................67
Table 68: SPI
– WDTXF register description: address offset SPI_BASE_ADDR + 0x30 ........................68
Table 69: SPI - ITCR register description: address offset SPI_BASE_ADDR+0x80 ...............................68
Table 70: SPI
– TDR register description: address offset SPI_BASE_ADDR+0x8C ...............................68
Table 71: RX FIFO errors .........................................................................................................................69
Table 72: Typical baud rates with OVSFACT = 0.....................................................................................71
Table 73: Typical baud rates with OVSFACT = 1.....................................................................................71
Table 74: Control bits to enable and disable hardware flow control .........................................................72
Table 75: Control bits to enable and program receive software flow control............................................73
Table 76: Control bits to enable and program transmit software flow control ..........................................74
Table 77: UART registers .........................................................................................................................76
Table 78: UART - DR register description: address offset UART_BASE_ADDR+0x00...........................78
Table 79: UART - RSR register description: address offset UART_BASE_ADDR+0x04 ........................78
Table 80: UART - TIMEOUT register description: address offset UART_BASE_ADDR+0x0C ...............79
Table 81: UART - FR register description: address offset UART_BASE_ADDR+0x18 ...........................79
Table 82: UART - LCRH_RX register description: address offset UART_BASE_ADDR+0x1C ..............80
Table 83: UART - IBRD register description: address offset UART_BASE_ADDR+0x24 .......................81
Table 84: UART - FBRD register description: address offset UART_BASE_ADDR+0x28 ......................81
Table 85: UART - LCRH_TX register description: address offset UART_BASE_ADDR+0x2C...............81
Table 86: UART - CR register description: address offset UART_BASE_ADDR+0x30...........................82
Table 87: UART - IFLS register description: address offset UART_BASE_ADDR+0x34 ........................84
Table 88: UART - IMSC register description: address offset UART_BASE_ADDR+0x38 .......................84
Table 89: UART - RIS register description: address offset UART_BASE_ADDR+0x3C .........................85
Table 90: UART - MIS register description: address offset UART_BASE_ADDR+0x40 .........................86
Table 91: UART - ICR register description: address offset UART_BASE_ADDR+0x44..........................87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com