Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 1 Page - STMicroelectronics

  BLUENRG-2 Datasheet HTML 1Page - STMicroelectronics BLUENRG-2 Datasheet HTML 2Page - STMicroelectronics BLUENRG-2 Datasheet HTML 3Page - STMicroelectronics BLUENRG-2 Datasheet HTML 4Page - STMicroelectronics BLUENRG-2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 190 page
background image
November 2017
DocID030675 Rev 2
1/190
This is information on a product in full production.
www.st.com
BlueNRG-2
Bluetooth® low energy wireless system-on-chip
Datasheet - production data
Features
Bluetooth low energy single mode system-
on-chip compliant with Bluetooth 5.0
specifications:
master, slave and multiple
simultaneous roles
LE data packet length extension
Operating supply voltage: from 1.7 to 3.6 V
Integrated linear regulator and DC-DC step-
down converter
Operating temperature range:
-40 °C to 105 °C
High performance, ultra-low power Cortex-
M0 32-bit based architecture core
Programmable 256 kB Flash
24 kB RAM with retention (two 12 kB banks)
1 x UART interface
1 x SPI interface
2 x I²C interface
14, 15 or 26 GPIOs
2 x multifunction timer
10-bit ADC
Watchdog and RTC
DMA controller
PDM stream processor
16 or 32 MHz crystal oscillator
32 kHz crystal oscillator
32 kHz ring oscillator
Battery voltage monitor and temperature
sensor
Up to +8 dBm available output power (at
antenna connector)
Excellent RF link budget (up to 96 dB)
Accurate RSSI to allow power control
8.3 mA TX current (@ -2 dBm, 3.0 V)
Down to 1 µA current consumption with
active BLE stack (sleep mode)
Average advertisement current consumption
15.34 µA (advertisement interval 1000 ms),
1 year, 8 months, 19 days with 230 mAh
battery (CR2032)
Average connection current consumption
7.059 µA (connection interval 1000 ms),
3 years, 10 months, 12 days with 230mAh
battery (CR2032)
ST companion integrated balun/filter chips
are available
Suitable for building applications compliant
with the following radio frequency
regulations: ETSI EN 300 328, EN 300 440,
FCC CFR47 part 15, ARIB STD-T66
Pre-programmed bootloader via UART
QFN32, QFN48 and WCSP34 package
options
Applications
Watches
Fitness, wellness and sports
Consumer medical
Security/proximity
Remote control
Home and industrial automation
Assisted living
Mobile phone peripherals
Lighting
PC peripherals


Similar Part No. - BLUENRG-2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
BLUENRG-132 STMICROELECTRONICS-BLUENRG-132 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
BLUENRG-132Y STMICROELECTRONICS-BLUENRG-132Y Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
BLUENRG-134 STMICROELECTRONICS-BLUENRG-134 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
BLUENRG-332AC STMICROELECTRONICS-BLUENRG-332AC Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
More results

Similar Description - BLUENRG-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
2.4-GHz Bluetooth low energy System-on-Chip
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
logo
Cypress Semiconductor
CYW20736 CYPRESS-CYW20736 Datasheet
938Kb / 47P
Single-Chip Bluetooth Low Energy System-On-Chip
CYW20737 CYPRESS-CYW20737 Datasheet
678Kb / 36P
Single-Chip Bluetooth Low Energy-Only System-On-Chip with Support for Wireless Charging
logo
STMicroelectronics
STEVAL-BLUEPIRV1 STMICROELECTRONICS-STEVAL-BLUEPIRV1 Datasheet
1Mb / 5P
Wireless motion detector based on Bluetooth® Low Energy and PIR sensor
11-Apr-2022
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
logo
STMicroelectronics
BLUENRG-LPS STMICROELECTRONICS-BLUENRG-LPS Datasheet
2Mb / 67P
Programmable Bluetooth® Low Energy wireless SoC
Rev 4 - March 2023
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com