Electronic Components Datasheet Search
  English  ▼

X  

BLUENRG-2 Datasheet(PDF) 9 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 5Page - STMicroelectronics BLUENRG-2 Datasheet HTML 6Page - STMicroelectronics BLUENRG-2 Datasheet HTML 7Page - STMicroelectronics BLUENRG-2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-2 Datasheet HTML 10Page - STMicroelectronics BLUENRG-2 Datasheet HTML 11Page - STMicroelectronics BLUENRG-2 Datasheet HTML 12Page - STMicroelectronics BLUENRG-2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 190 page
background image
BlueNRG-2
List of tables
DocID030675 Rev 2
9/190
Table 203: RNG
– VAL register description: address offset RNG_BASE_ADDR+0x08........................148
Table 204: PKA RAM data location ........................................................................................................149
Table 205: PKA registers ........................................................................................................................150
Table 206: PKA
– CSR register description: address offset PKA_BASE_ADDR+0x00.........................150
Table 207: PKA
– ISR register description: address offset PKA_BASE_ADDR+0x04 ..........................151
Table 208: PKA
– IEN register description: address offset PKA_BASE_ADDR+0x08 ..........................151
Table 209: SWD port ..............................................................................................................................152
Table 210: Pinout description .................................................................................................................158
Table 211: Memory mapping ..................................................................................................................161
Table 212: External component list ........................................................................................................165
Table 213: Absolute maximum ratings ...................................................................................................166
Table 214: Thermal data.........................................................................................................................166
Table 215: Recommended operating conditions ....................................................................................167
Table 216: Electrical characteristics .......................................................................................................168
Table 217: Digital I/O specifications .......................................................................................................169
Table 218: Peripheral current consumption............................................................................................170
Table 219: RF general characteristics ....................................................................................................171
Table 220: RF Transmitter characteristics..............................................................................................171
Table 221: RF receiver characteristics ...................................................................................................172
Table 222: High speed crystal oscillator characteristics .........................................................................173
Table 223: Low speed crystal oscillator characteristics..........................................................................175
Table 224: High speed ring oscillator characteristics .............................................................................175
Table 225: Low speed ring oscillator characteristics ..............................................................................175
Table 226: N-Fractional frequency synthesizer characteristics ..............................................................176
Table 227: Auxiliary blocks characteristics .............................................................................................176
Table 228: QFN32 (5 x 5 x 1 pitch 0.5 mm) mechanical data ................................................................181
Table 229: QFN48 (|6 x 6 x 0.85 pitch 0.4 mm) mechanical data ..........................................................183
Table 230: WLCSP34 (2.66 x 2.56 x 0.5 pitch 0.4 mm) mechanical data ..............................................185
Table 231: Flip Chip CSP (2.71 x 2.58 x 0.5 pitch 0.4 mm) package reflow profile recommendation ...186
Table 232: Ordering information .............................................................................................................188
Table 232: Document revision history ....................................................................................................189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com