Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 32Page - National Semiconductor (TI) DP83815 Datasheet HTML 33Page - National Semiconductor (TI) DP83815 Datasheet HTML 34Page - National Semiconductor (TI) DP83815 Datasheet HTML 35Page - National Semiconductor (TI) DP83815 Datasheet HTML 36Page - National Semiconductor (TI) DP83815 Datasheet HTML 37Page - National Semiconductor (TI) DP83815 Datasheet HTML 38Page - National Semiconductor (TI) DP83815 Datasheet HTML 39Page - National Semiconductor (TI) DP83815 Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
36
www.national.com
4.0 Register Set (Continued)
4.1.6 Configuration Memory Address Register
This register specifies the Base Memory address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into memory space.
4.1.7 Configuration Subsystem Identification Register
The CFGSID allows system software to distinguish between different subsystems based on the same PCI silicon. The
values in this register can be loaded from the EEPROM if configuration is enabled.
Tag: CFGMA
Size: 32 bits
Hard Reset: 00000000h
Offset: 14h
Access: Read Write
Soft Reset: unchanged
Bit
Bit Name
Description
31-12
MEMBASE
Memory Base Address
This is set by software to the base address for the Operational Register Map.
11-4
MEMSIZE
Memory Size
These bits return 0, which indicates that the DP83815 requires 4096 bytes of Memory Space (the
minimum recommended allocation).
3
MEMPF
Prefetchable
Set to 0 by DP83815. Read Only.
2-1
MEMLOC
Location Selection
Set to 00 by DP83815. This indicates that the base register is 32-bits wide and can be placed anywhere
in the 32-bit memory space. Read Only.
0
MEMIND
Memory Space Indicator
Set to 0 by DP83815 to indicate that DP83815 is capable of being mapped into memory space. Read
Only.
Tag: CFGSID
Size: 32 bits
Hard Reset: 00000000h
Offset: 2Ch
Access: Read Only
Soft Reset: unchanged
Bit
Bit Name
Description
31-16
SDEVID
Subsystem Device ID
Set to 0 by DP83815.
15-0
SVENID
Subsystem Vendor ID
Set to 0 by DP83815.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com