Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 85Page - National Semiconductor (TI) DP83815 Datasheet HTML 86Page - National Semiconductor (TI) DP83815 Datasheet HTML 87Page - National Semiconductor (TI) DP83815 Datasheet HTML 88Page - National Semiconductor (TI) DP83815 Datasheet HTML 89Page - National Semiconductor (TI) DP83815 Datasheet HTML 90Page - National Semiconductor (TI) DP83815 Datasheet HTML 91Page - National Semiconductor (TI) DP83815 Datasheet HTML 92Page - National Semiconductor (TI) DP83815 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
89
www.national.com
6.0 Power Management and Wake-On-LAN
6.1 Introduction
The DP83815 supports Wake-On-LAN (WOL) and the PCI
Power Management Specification version 1.1. These
features allow the device to enter a power saving mode,
and to signal the system to return to a normal operating
state when a wake event occurs. This section describes
the power management operation on the DP83815.
6.2 Definitions (for this document only)
•
Power Management - a PCI specification that defines
power-saving states of PCI devices and systems. A
spec-compliant device implements two PCI Configu-
ration registers to control and report status for its
Power Management function.
•
Wake event - An event that causes a PCI device in
Power Management mode to signal the system.
•
PME Enable (PMEEN) - bit 8 of the Power Manage-
ment Control/Status Register (PMCSR - offset 44h in
the PCI configuration space). Setting this bit to 1 al-
lows the device to assert the PMEN pin when it de-
tects a wake event.
•
Sleep mode - A device is in sleep mode if it is pro-
grammed to a Power Management state other than
the fully operational state and is not allowed to signal
a wake event to the system. In this mode, the PME
Enable bit is 0.
•
Wake-On-LAN mode - A device is in Wake-On-LAN
(WOL) mode if it is programmed to a Power Manage-
ment state other than the fully operational state and is
allowed to signal a wake event to the system. In this
mode, the PME Enable bit is 1.
•
PMEN (pin59) - this pin is similar in function to a sys-
tem interrupt (INTAN pin). When asserted, it signals
the system that a wake event has occurred.
•
PME Status - bit 15 of PMCSR. When 1, indicates the
device detected a wake event. If PME Enable is also
set to 1, the device will assert PMEN whenever PME
Status is 1. Software writes a 1 to this bit to clear it.
•
Magic Packet
: “A specific packet of information sent
to remotely wake up a sleeping or powered off PC on
a network, it is handled in the LAN controller. The
Magic Packet
 must contain a specific data se-
quence which can be located anywhere within the
packet but must be preceded by a synchronization
stream. The packet must also meet the basic require-
ments for the LAN technology chosen (e.g. ethernet
frame). The specific data sequence consists of 16 du-
plications of the MAC address of the machine to be
awakened. The synchronization stream is defined as
6 bytes of FFh.”
•
ACPI-compatible operating system - An operating
system that takes advantage of the PCI Power Man-
agement interface. These include Windows 98 (when
installed with ACPI), Windows 2000, and Windows
ME (when installed with ACPI).
6.3 Packet Filtering
When the PME Enable bit is set to 1, incoming packets are
filtered based on settings in the Receive Filter Control
Register (RFCR - offset 48h in operational registers) and
the Wake Command/Status Register (WCSR - offset 40h in
operational registers). In other words, a packet must pass
both filters to be accepted. This is a desirable feature in
WOL mode since it prevents non-wake packets from filling
the receive FIFO. However, it is not desirable in normal
operating mode since it will not allow non-wake packets
from being received. Therefore, the driver should ensure
that the PME Enable bit is set to 0 for normal operation.
6.4 Power Management
The Power Management Specification presents a low-level
hardware interface to PCI devices for the purpose of
saving power. The DP83815 supports power states D0,
D1, D2, D3hot, and D3cold as defined in the PCI Power
Management
Specification.
These
states
provide
increasing power reduction in the order they are listed.
Table 6-1 lists the different Power Management modes and
the methods of power reduction in DP83815 devices.
Table 6-1 Power Management Modes
Power State
PME Enable
(PMEEN)
Wake
Conditions
Power Management
Mode
PCICLK
Physical Layer
Cell
D0
(SW sets to 0)
Unconfigured
Normal
On
On
D1
Don’t Care
Don’t Care
WOL
On
On
D2
Don’t Care
Don’t Care
WOL
May be Off
On
D3hot
Off
Don’t Care
Sleep
May be Off
Off
D3hot
Don’t Care
Unconfigured
Sleep
May be Off
Off
D3hot
On
Configured
WOL
May be Off
On
D3cold
Off
Don’t Care
Sleep
Off
Off
D3cold
Don’t Care
Unconfigured
Sleep
Off
Off
D3cold
On
Configured
WOL
Off
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com