Electronic Components Datasheet Search
  English  ▼

X  

DP83815 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83815
Description  10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83815 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83815 Datasheet HTML 8Page - National Semiconductor (TI) DP83815 Datasheet HTML 9Page - National Semiconductor (TI) DP83815 Datasheet HTML 10Page - National Semiconductor (TI) DP83815 Datasheet HTML 11Page - National Semiconductor (TI) DP83815 Datasheet HTML 12Page - National Semiconductor (TI) DP83815 Datasheet HTML 13Page - National Semiconductor (TI) DP83815 Datasheet HTML 14Page - National Semiconductor (TI) DP83815 Datasheet HTML 15Page - National Semiconductor (TI) DP83815 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 108 page
background image
12
www.national.com
2.0 Pin Description (Continued)
Supply Pins
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
SUBGND1,
SUBGND2,
SUBGND3
37,
49,
126
B2,
E1,
G12
S
Substrate GND
RXAVDD1,
RXAVDD2
39,
47
C2,
E2
S
RX Analog VDD - connect to isolated Aux 3.3V supply VDD
RXAVSS1,
RXAVSS2
38,
44
B1,
D3
S
RX Analog GND
TXIOVSS1,
TXIOVSS2
52,
55
F2,
G4
S
TX Output driver VSS
TXDVDD
56
H3
S
TX Digital VDD - connect to Aux 3.3V supply VDD
TXDVSS
51
E4
S
TX Digital VSS
MACVDD1,
MACVDD2
58,
125
H1,
H11
S
Mac/BIU digital core VDD - connect to Aux 3.3V supply VDD
MACVSS1,
MACVSS2
57,
124
G3,
H14
S
Mac/BIU digital core VSS
PCIVDD1,
PCIVDD2,
PCIVDD3,
PCIVDD4,
PCIVDD5
69,
80,
94,
107,
117
L1,
P5,
L8,
M12,
K12
S
PCI IO VDD - connect to PCI bus 3.3V VDD
PCIVSS1,
PCIVSS2,
PCIVSS3,
PCIVSS4,
PCIVSS5
65,
77,
90,
103,
114
K1,
P4,
M8,
P11,
L11
S
PCI IO VSS
VDDIO2,
VDDIO4
19,
85
C8,
M6
S
Misc. IO VDD - connect to Aux 3.3V supply VDD
VDDIO1,
VDDIO3,
VDDIO5
9,
27,
137
C10,
A5,
E13
S
Misc. IO VDD - connect to Aux 3.3V supply VDD
VSSIO2,
VSSIO4
16,
84
A8,
P6
SMisc. IO VSS
VSSIO1,
VSSIO3,
VSSIO5
8,
26,
136
A10,
D6,
E12
SMisc. IO VSS
PHYVDD1,
PHYVDD2
21,
33
B7,
B4
S
Phy digital core VDD - connect to Aux 3.3V supply VDD
PHYVSS1,
PHYVSS2
20,
32
A7,
C4
S
Phy digital core VSS
FSVDD
36
C3
S
Frequency Synthesizer VDD - connect to isolated Aux 3.3V supply
VDD
FSVSS
35
A3
S
Frequency Synthesizer VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com